Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V10-H14X Datasheet(PDF) 1 Page - EPCOS

Part # V10-H14X
Description  Surge Arrester 2-Electrode-Arrester
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

V10-H14X Datasheet(HTML) 1 Page - EPCOS

  V10-H14X Datasheet HTML 1Page - EPCOS V10-H14X Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surge Arrester
V10-H14X
2-Electrode-Arrester
Ordering code: B88069X4300C251
AB E / AB PM
Issue 02, 26.04.2002
Page 1 of 2
DC spark-over voltage
1) 2)
1400
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 1900
< 1800
< 2200
< 2000
V
V
V
V
Nominal impulse discharge current (wave 8/20 µs)
Single impulse discharge current
(wave 8/20 µs)
20
30
kA
kA
Nominal alternating discharge current (50 Hz, 1 s)
Alternating discharge current (50 Hz, 9 cycles)
20
120
A
A
Insulation resistance at 100 Vdc
>10
G
Ω
Capacitance at 1 MHz
< 1.5
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~35
~1
~ 200
V
A
V
Weight
~ 8
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, black
1400 YY O
1400
- Nominal voltage
YY
- Year of production
O- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K12 and DIN 57845/VDE0845


Similar Part No. - V10-H14X

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H08X EPCOS-V10-H08X Datasheet
16Kb / 2P
Surge Arrester 2-Electrode-Arrester
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
Surge Arrester 2-Electrode-Arrester
V10-H30X EPCOS-V10-H30X Datasheet
16Kb / 2P
Surge Arrester 2-Electrode-Arrester
More results

Similar Description - V10-H14X

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
Surge Arrester 2-Electrode-Arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
Surge arrester 2-electrode arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
Surge arrester 2-electrode arrester
M50_A350X EPCOS-M50_A350X Datasheet
122Kb / 4P
Surge arrester 2-electrode arrester
B88069X3651T502 EPCOS-B88069X3651T502 Datasheet
73Kb / 5P
SURGE ARRESTER 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
SURGE ARRESTER 2-electrode arrester
B88069X8080B502 EPCOS-B88069X8080B502 Datasheet
59Kb / 4P
SURGE ARRESTER 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
Surge arrester 2-electrode arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com