Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82732-R2601-B30 Datasheet(PDF) 3 Page - EPCOS

Part # B82732-R2601-B30
Description  Chokes for Power Lines D Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732-R2601-B30 Datasheet(HTML) 3 Page - EPCOS

  B82732-R2601-B30 Datasheet HTML 1Page - EPCOS B82732-R2601-B30 Datasheet HTML 2Page - EPCOS B82732-R2601-B30 Datasheet HTML 3Page - EPCOS B82732-R2601-B30 Datasheet HTML 4Page - EPCOS B82732-R2601-B30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
371 04/00
Dimensional drawings and pin configuration
Vertical version
Horizontal version
General technical data
For further technical data see page 334
Characteristics and ordering codes
Rated voltage
VR
250 Vac/dc
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
− 30/+ 50 %
Weight
Approx. 11 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ω
Ordering code
vertical version
horizontal version
0,6
47
400
1400
B82732-R2601-B30
B82732-W2601-B30
0,7
39
330
1100
B82732-R2701-B30
B82732-W2701-B30
0,9
27
230
750
B82732-R2901-B30
B82732-W2901-B30
1,1
15
125
440
B82732-R2112-B30
B82732-W2112-B30
1,4
10
85
300
B82732-R2142-B30
B82732-W2142-B30
1,7
6,8
55
190
B82732-R2172-B30
B82732-W2172-B30
2,2
3,3
27
110
B82732-R2222-B30
B82732-W2222-B30
SSB1403-Z
12,5±0,2
24 max.
0,6 x 0,6
16,5 max.
SSB1404-8
14,8 max.
90˚±5˚
8,3 max.
0,6 x 0,6
12,5±0,2
24 max.
B82732
Chokes for Power Lines
D Core Chokes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com