Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6690US Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # 1N6690US
Description  20 AMP 600 - 1200 VOLTS 75 ns ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N6690US Datasheet(HTML) 2 Page - Solid States Devices, Inc

  1N6690US Datasheet HTML 1Page - Solid States Devices, Inc 1N6690US Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
SYMBOL
UNITS
Instantaneous Forward Voltage Drop
(IF = 20ADC, 300 - 500 µsec Pulse)
VDC
MAXIMUM
1N6690 - 1N6693
and
1N6690US - 1N6693US
1.9
2.2
VF1
VF2
pF
250
CJ
nsec
75
tRR
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
Reverse Leakage Current
(Rated VR , 300µsec pulse minimum)
IR1
IR2
µµµµµA
mA
10
2.0
CASE OUTLINE: Axial
TA = 25
oC
TA = 100
oC
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
TA = 25
oC
TA = -55
oC
CASE OUTLINE:
Surface Mount Square Tab (SMS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com