Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS2004-59 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFS2004-59
Description  10 AMP 800 VOLTS HIGH VOLTAGE THYRISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS2004-59 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFS2004-59 Datasheet HTML 1Page - Solid States Devices, Inc SFS2004-59 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFS2004/59
FEATURES:
DATA SHEET #:
SCR0002A
MAXIMUM RATINGS
Peak Repetitive Forward Blocking Voltage
Volts
• Designed for Pulse Modulators in Radar Applications.
• High Surge Current, 100A.
• High Blocking Voltage, 600V min.
• High dv/dt, 200V/us min.
• di/dt = 100A/us.
• Fast Switching Time.
• Isolated Stud.
• Hermetically sealed.
TO-59
10 AMP
800 VOLTS
HIGH VOLTAGE THYRISTOR
DESIGNER'S DATA SHEET
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VDRM
800
Peak Repetitive Reverse Blocking Voltage
Volts
VRRM
600
RMS On-State Current (All Condition Angles, TC = 85oC max)
Amps
10
IT (RMS)
Storage Temperature Range
-65 TO +200
TSTG
Operating Junction Temperature Range
oC
-65 TO +105
TJ
Peak Gate Voltage
Volts
10
VGM
Peak Gate Current
Amps
5.0
IGM
Average Gate Power (Pulse width 2
:sec)
Watts
1.0
PG (AV)
Peak Gate Power
Watts
20
PGM
Thermal Resistance Junction to Case
oC/W
3.0
1JC
oC
Peak Repetitive Surge Current (One Cycle, 60Hz,
Pulse width 2
:sec, Duty Cycle 0.6%, TC = 85oC max)
Amps
100
ITFM (REP)


Similar Part No. - SFS2004-59

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SFS20 COSEL-SFS20 Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
logo
Z-Communications, Inc
SFS2030A-LF ZCOMM-SFS2030A-LF Datasheet
77Kb / 2P
Fixed Frequency Synthesizer
SFS2030A-LF ZCOMM-SFS2030A-LF_11 Datasheet
77Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
logo
COSEL CO., LTD.
SFS204805B COSEL-SFS204805B Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
SFS204805C COSEL-SFS204805C Datasheet
1Mb / 8P
DC-DC Converters PCB Mount Type
More results

Similar Description - SFS2004-59

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MT25C08T1 MCC-MT25C08T1 Datasheet
550Kb / 5P
25 Amp THYRISTOR MODULE 800~1800 Volts
MT25CB08T1 MCC-MT25CB08T1 Datasheet
561Kb / 6P
800~1800 Volts 25 Amp THYRISTOR/DIODE MODULE
MT40C08T1 MCC-MT40C08T1 Datasheet
553Kb / 5P
40 Amp THYRISTOR MODULE 800~1800 Volts
MT40CB08T1 MCC-MT40CB08T1 Datasheet
596Kb / 6P
THYRISTOR/DIODE 800~1800 Volts 40 Amp MODULE
MT60C08T1 MCC-MT60C08T1 Datasheet
549Kb / 5P
60 Amp THYRISTOR MODULE 800~1800 Volts
MT60CB08T1 MCC-MT60CB08T1 Datasheet
596Kb / 6P
THYRISTOR/DIODE 800~1800 Volts 60 Amp MODULE
MT90C08T1 MCC-MT90C08T1 Datasheet
502Kb / 5P
90 Amp THYRISTOR MODULE 800~1800 Volts
MT110CB08T1 MCC-MT110CB08T1 Datasheet
597Kb / 6P
THYRISTOR/DIODE 800~1800 Volts 110 Amp MODULE
MT160CB08T2 MCC-MT160CB08T2_16 Datasheet
557Kb / 6P
MODULE 800~1800 Volts 160 Amp THYRISTOR/DIODE
MT200C08T2 MCC-MT200C08T2 Datasheet
550Kb / 5P
200 Amp THYRISTOR MODULE 800~1800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com