Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS2326 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFS2326
Description  1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS2326 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFS2326 Datasheet HTML 1Page - Solid States Devices, Inc SFS2326 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Low-Level Gate Characteristics
• IGT = 200 µA (Max) @ 25oC
• Low Holding Current IH = 1 mA (Max) @ 25oC
• Anode Common to Case
• Hermetically Sealed
SFS2326 thru SFS2329
1.6 AMPS
200 ─ 400 VOLTS
SILICON CONTROLLED
RECTIFIER
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS2326
SFS2327
SFS2328
SFS2329
VDRM
VRRM
200
250
300
400
Volts
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5.0 ms)
SFS2326
SFS2327
SFS2328
SFS2329
VRSM
300
350
400
500
Volts
RMS On-State Current
(All Conduction Angles)
IT (RMS)
1.6
Amps
Peak Non-Repetitive Surge Current
(One Cycle, 60 Hz, TC = 80
oC )
ITSM
15
Amps
Peak Gate Power
PGM
0.1
Watts
Average Gate Power
PG (AV)
0.01
Watts
Peak Gate Current
IGM
0.1
Amps
Peak Gate Voltage
VGM
6.0
Volts
Operating Junction Temperature Range
TJ
-65 to +125
oC
Storage Temperature Range
Tstg
-65 to +150
oC
Thermal Resistance, Junction to Case
RθJC
30
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR004A
DOC


Similar Part No. - SFS2326

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFS2326 SSDI-SFS2326 Datasheet
111Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - SFS2326

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS65-70B CENTRAL-CS65-70B Datasheet
80Kb / 2P
SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS
logo
Solid States Devices, I...
SFA1202ME4 SSDI-SFA1202ME4 Datasheet
342Kb / 2P
10 AMPS 200 - 400 VOLTS 20 nsec HYPER SINGEL PHASE BRIDGE RECTIFIER
SDR8200S4 SSDI-SDR8200S4 Datasheet
199Kb / 2P
200 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
SFS2510 SSDI-SFS2510 Datasheet
142Kb / 2P
25 AMPS 100 ??400 VOLTS FAST SWITCHING SILICON CONTROLLED RECTIFIER
SFS884 SSDI-SFS884 Datasheet
146Kb / 2P
20 AMPS 15 - 200 VOLTS SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com