Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG-R01-4BA Datasheet(PDF) 1 Page - Kemet Corporation

Part # FG-R01-4BA
Description  KEMET, FG-R01, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R01-4BA Datasheet(HTML) 1 Page - Kemet Corporation

  FG-R01-4BA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click here for the 3D model.
Dimensions
 
D
34.45mm NOM
L
30.5mm MAX
W
49.85mm MAX
T
10.9mm MAX
LL
3.5mm MAX
Packaging Specifications
 
Packaging
Tray, Box
Packaging Quantity
300
Typical Component Weight
20 g
General Information
 
Series
FG-R01
Type
Current
Style
Through-Hole
Description
Fluxgate-Based Residual Current Sensor
Features
Open-loop, Fluxgate-Based Current Detection, PCB
Mounting
Lead
6 Pin
RoHS
Yes
REACH
Yes
Qualifications
IEC
Specifications
 
Temperature
Range
-40/+105°C
Voltage DC
2.25 V (PIN3, Analog Output; typical)
Power Supply
Voltage
5 V +/- 5%
Current
6 mA (MAX; DC Detection), 30 mArms (MAX, 55
Hz; AC Detection)
Sensitivity
40 V/A (PIN3, AOUT; typical)
Frequency
Range
150 Hz MAX (at -3 dB; PIN3 AOUT)
Measuring
Range
+/-50 mA
AC Alarm
Response Time
60 typical, 250 maximum (ms, @30 mArms); 20
typical, 100 maximum (ms, @60 mArms); 8
typical, 15 maximum (ms, @150 mArms); 7 typical,
10 maximum (ms, > 5 Arms)
DC Alarm
Response Time
280 typical, 1000 maximum (ms, @6 mA); 24
typical, 250 maximum (ms, @60 mA); 6 typical, 15
maximum (ms, @300 mA)
FG-R01-4BA
Aliases (USETR014BAA000)
KEMET, FG-R01, Current, Through-Hole, Residual, Open-loop, Fluxgate-
Based Current Detection, PCB Mounting
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any
warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the
correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no
obligation or liability for the advice given or results obtained.
Generated 6/04/2024 - c89a9229-7057-4f94-8239-b0f1fbd2f03f
© 2006 - 2024 KEMET


Similar Part No. - FG-R01-4BA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FG-R01-4GA KEMET-FG-R01-4GA Datasheet
256Kb / 1P
KEMET, FG-R01, Current, Through-Hole, Residual, Open-loop, Fluxgate- Based Current Detection, PCB Mounting
More results

Similar Description - FG-R01-4BA

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
CSCA0200A000B15B01 HONEYWELL-ACC-CSCA0200A000B15B01 Datasheet
120Kb / 5P
Hall-Effect Based Open-Loop Current Sensors
logo
List of Unclassifed Man...
KA2LD ETC2-KA2LD Datasheet
405Kb / 8P
Residual current devices
logo
IXYS Corporation
AN-102 IXYS-AN-102 Datasheet
162Kb / 2P
Loop Current Detection for LITELINK
logo
PHOENIX CONTACT
2806236 PHOENIX-2806236 Datasheet
54Kb / 4P
Residual current converter for type B residual current monitor.
logo
Kemet Corporation
LA12-48V21 KEMET-LA12-48V21 Datasheet
149Kb / 1P
KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection
LA12-50V21 KEMET-LA12-50V21 Datasheet
149Kb / 1P
KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection
LA12-60V21 KEMET-LA12-60V21 Datasheet
149Kb / 1P
KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection
logo
Beijing Yaohuadechang E...
3HK8350-D100D12D4 YHDC-3HK8350-D100D12D4 Datasheet
1Mb / 3P
Hall open loop current sensor
logo
Kemet Corporation
FG-R05-3A KEMET-FG-R05-3A Datasheet
851Kb / 11P
Residual current sensor
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com