Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS884 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFS884
Description  20 AMPS 15 - 200 VOLTS SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS884 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFS884 Datasheet HTML 1Page - Solid States Devices, Inc SFS884 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• High Surge Current
• High On State Current
• High Frequency up to 400 Hz operation
• Anode Common to Case
• Hermetically Sealed
• Replacement for part number 2N884 thru 2N889
and 2N876 thru 2N881 devices.
• TX, TXV, S-Level Screening Available. Consult
Factory
SFS884 thru SFS889
20 AMPS
15 ─ 200 VOLTS
SILICON CONTROLLED
RECTIFIER
TO-18
MAXIMUM RATINGS
(TJ = 25
oC UNLESS OTHERWISE NOTED, RGK = 1K Ω)
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SFS884
SFS885
SFS886
SFS887
SFS888
SFS889
VDRM
VRRM
15
30
60
100
150
200
Volts
Average On-State Current
Ta = 30
oC
Ta = 100ºC
IF (AV)
0.5
0.35
Amps
Peak Recurrent Surge Current
(Ta ≤ 100
oC, tp = 0.2 ms, duty cycle = 0.1 % )
IFSR
20
Amps
Peak Gate Current
IGM
250
mA
Peak Gate Voltage
VGM
5
Volts
Operating Junction Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
Tstg
-65 to +150
oC
PACKAGE OUTLINE:
TO-18
Ø.195
.178
.210
.170
.500 MIN
Ø.230
.209
3x Ø.021
.016
Ø.105
.095
.048
.028
.046
.036
45°
1
3
.030 MAX
2


Similar Part No. - SFS884

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFS8.0A SECOS-SFS8.0A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
SFS8.5A SECOS-SFS8.5A Datasheet
340Kb / 3P
Voltage 5 V ~ 54V 200W Peak Power TVS
logo
Z-Communications, Inc
SFS8300Z-LF ZCOMM-SFS8300Z-LF Datasheet
95Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
SFS8910Z-LF ZCOMM-SFS8910Z-LF Datasheet
90Kb / 2P
Fixed Frequency Synthesizer Surface Mount Module
More results

Similar Description - SFS884

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
CS55B CENTRAL-CS55B Datasheet
125Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS55BZ CENTRAL-CS55BZ Datasheet
126Kb / 2P
SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
CS65-70B CENTRAL-CS65-70B Datasheet
80Kb / 2P
SILICON CONTROLLED RECTIFIER 70 AMPS RMS, 200 THRU 1200 VOLTS
logo
Solid States Devices, I...
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SFS2326 SSDI-SFS2326 Datasheet
112Kb / 2P
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER
SFS1826 SSDI-SFS1826 Datasheet
108Kb / 2P
1.6 AMPS 200 ??400 VOLTS SILICON CONTROLLED RECTIFIER
logo
Central Semiconductor C...
2N2322 CENTRAL-2N2322 Datasheet
138Kb / 2P
SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Rectron Semiconductor
SPA1503-T-S-A01 RECTRON-SPA1503-T-S-A01 Datasheet
236Kb / 4P
SILICON RECTIFIER VOLAGE 200 Volts CURRENT 15 Ampere
logo
Solid States Devices, I...
2R3S SSDI-2R3S Datasheet
171Kb / 2P
8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com