Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS885 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFS885
Description  20 AMPS 15 - 200 VOLTS SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFS885 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFS885 Datasheet HTML 1Page - Solid States Devices, Inc SFS885 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
( Ta = 25ºC unless otherwise indicated)
Symbol
Min
Typical
Max
Unit
Peak Reverse Blocking Current
(Rated VRRM)
Tj = 25ºC
Tj = 125ºC
IRRM
––
––
10
100
µA
Peak Forward Blocking Current
(Rated VDRM)
Tj = 25ºC
Tj = 125ºC
IDRM
––
––
10
100
µA
Peak On-State Voltage
(IF = 0.2 A Peak )
VTM
––
1.0
1.50
Volts
Reverse Gate Current
(VG = -2 VDC, Anode = open)
IGR
––
––
10
µA
Gate Trigger Current
(VD = 12 VDC, RL = 33 Ω)
IGT
––
50
80
µA
Gate Trigger Voltage
(VD = 12 VDC, RL = 33 Ω)
VGT
0.4
0.65
0.72
Volts
Holding Current
(IT = 500 mA, Gate Open)
IH
––
1.0
2.2
mA
Critical Rate of Voltage Rise
(Linear slope up to VD= 67% of VDRM, Rgk= 1K
Ω)
dV/dt
––
750
––
V/
µs
Commutated Turn-off Time
(If = 2A, Ig = 200 mA, dIg/dt = 0.1A/us)
tqt
––
2
––
µs
NOTES:
1/ Unless Otherwise Specified, All Electrical Characteristics @ TC = 25
oC, RGK = 1K Ω.
Available Part Numbers:
SFS884, SFS885, SFS886, SFS887, SFS888, SFS889
PIN ASSIGNMENT (Standard)
Package
Cathode
Gate
Anode
TO-18
Pin 1
Pin 2
Pin 3 (case)
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFS884 thru SFS889
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SCR008A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com