Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS21VB-R040342 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS21VB-R040342
Description  KEMET, SS21VB, AC Line Filters, Common Mode, 34.2 mH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21VB-R040342 Datasheet(HTML) 1 Page - Kemet Corporation

  SS21VB-R040342 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click here for the 3D model.
Dimensions
 
L
20.6mm +/-1mm
T
16.8mm +/-1mm
H
24.5mm +/-1mm
S
13mm +/-0.5mm
S1
10mm +/-0.5mm
Wire Size
0.23mm
Packaging Specifications
 
Packaging
Tray
Packaging Quantity
480
Typical Component Weight
11.6 g
General Information
 
Series
SS21VB
Style
Through-Hole
RoHS
Yes
Miscellaneous
Temperature Rise Maximum: 35 K.
Core
Mn-Zn Ferrite
Specifications
 
Voltage AC
500 VAC
Inductance
34.2 mH
Current
400 mA
Temperature Range
-40/+120°C
DC Resistance
2.372 Ohms
SS21VB-R040342
Aliases (UAL21VBR040342)
KEMET, SS21VB, AC Line Filters, Common Mode, 34.2 mH
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any
warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the requisite experience and capability to determine the
correct products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no
obligation or liability for the advice given or results obtained.
Generated 7/21/2024 - 155e1986-130a-46e4-a69f-a5d33c7fd591
© 2006 - 2024 KEMET


Similar Part No. - SS21VB-R040342

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS21VB-R030613 KEMET-SS21VB-R030613 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 61.3 mH
SS21VB-R050254 KEMET-SS21VB-R050254 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 25.4 mH
SS21VB-R060125 KEMET-SS21VB-R060125 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 12.5 mH
SS21VB-R070099 KEMET-SS21VB-R070099 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 9.9 mH
SS21VB-R080069 KEMET-SS21VB-R080069 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 6.9 mH
More results

Similar Description - SS21VB-R040342

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR47B-400-1R8C010JH KEMET-SCR47B-400-1R8C010JH Datasheet
129Kb / 1P
KEMET, SCR47, AC Line Filters, Common Mode, 1 mH
SCR25XV-110-1R4A013JV KEMET-SCR25XV-110-1R4A013JV Datasheet
62Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 2.1 mH
SCT19XV-080-1R0A011JV KEMET-SCT19XV-080-1R0A011JV Datasheet
62Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.45 mH
SCT25XV-080-1R2A018JH KEMET-SCT25XV-080-1R2A018JH Datasheet
66Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 2.6 mH
SCT25XV-130-1R5A012JV KEMET-SCT25XV-130-1R5A012JV Datasheet
61Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 1.15 mH
SCT25XV-170-1R7A009JH KEMET-SCT25XV-170-1R7A009JH Datasheet
66Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.65 mH
SCT29XV-180-1R8A013JV KEMET-SCT29XV-180-1R8A013JV Datasheet
62Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.56 mH
SCR19XV-100-1R1A009JH KEMET-SCR19XV-100-1R1A009JH Datasheet
65Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 0.5 mH
SCR19XV-120-1R2A007JV KEMET-SCR19XV-120-1R2A007JV Datasheet
61Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 0.3 mH
SCR25XV-150-1R6A010JH KEMET-SCR25XV-150-1R6A010JH Datasheet
66Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 1.23 mH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com