Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82734-R2132-B30 Datasheet(PDF) 4 Page - EPCOS

Part # B82734-R2132-B30
Description  Chokes for Power Lines D Core Chokes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82734-R2132-B30 Datasheet(HTML) 4 Page - EPCOS

  B82734-R2132-B30 Datasheet HTML 1Page - EPCOS B82734-R2132-B30 Datasheet HTML 2Page - EPCOS B82734-R2132-B30 Datasheet HTML 3Page - EPCOS B82734-R2132-B30 Datasheet HTML 4Page - EPCOS B82734-R2132-B30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
372 04/00
Dimensional drawings and pin configuration
Vertical version
Horizontal version
General technical data
For further technical data see page 334
Characteristics and ordering codes
Rated voltage
VR
250 Vac/dc
Test voltage
VT
1500 Vac, 2 s (line/line)
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Inductance tolerance
− 30/+ 50 %
Weight
Approx. 30 g
IR
A
LR
mH
LS, typ
µH
Rtyp
m
Ω
Ordering code
vertical version
horizontal version
1,3
47
250
560
B82734-R2132-B30
B82734-W2132-B30
1,4
39
210
460
B82734-R2142-B30
B82734-W2142-B30
1,7
27
140
320
B82734-R2172-B30
B82734-W2172-B30
2,3
15
80
185
B82734-R2232-B30
B82734-W2232-B30
2,6
10
53
130
B82734-R2262-B30
B82734-W2262-B30
3,2
6,8
35
85
B82734-R2322-B30
B82734-W2322-B30
4,6
3,3
17
46
B82734-R2462-B30
B82734-W2462-B30
SSB1388-M
0,7
21 max.
32,5 max.
15±0,2
SSB1396-D
0,7
10,5 max.
15±0,2
32,5 max.
20,5 max.
90˚
±5˚
B82734
Chokes for Power Lines
D Core Chokes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com