Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1456721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1456721
Description  SAC-3P- 3,0-800/M12FR-2L - Sensor/actuator cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1456721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1456721 Datasheet HTML 1Page - PHOENIX CONTACT 1456721 Datasheet HTML 2Page - PHOENIX CONTACT 1456721 Datasheet HTML 3Page - PHOENIX CONTACT 1456721 Datasheet HTML 4Page - PHOENIX CONTACT 1456721 Datasheet HTML 5Page - PHOENIX CONTACT 1456721 Datasheet HTML 6Page - PHOENIX CONTACT 1456721 Datasheet HTML 7Page - PHOENIX CONTACT 1456721 Datasheet HTML 8Page - PHOENIX CONTACT 1456721 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 3-position, PUR halogen-free, resistant to welding sparks, highly flexible,
gray RAL 7001, free cable end, on Socket angled M12, coding: A, with 2 LEDs, cable length: 3
m, for robots and drag chains
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Reliable solution for the body shop as cable is resistant to welding sparks
•
Convenient: increased machine availability thanks to quick and easy diagnostics
•
Commercial data
Item number
1456721
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CBA
Catalog page
Page 192 (C-2-2019)
GTIN
4046356593083
Weight per piece (including packing)
95.5 g
Weight per piece (excluding packing)
95.5 g
Customs tariff number
85444290
Country of origin
PL
SAC-3P- 3,0-800/M12FR-2L - Sensor/actuator cable
1456721
https://www.phoenixcontact.com/us/products/1456721
Jul 2, 2024, 6:48 AM
Page 1 (11)


Similar Part No. - 1456721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1456705 PHOENIX-1456705 Datasheet
380Kb / 11P
SAC-3P-10,0-800/M12FS - Sensor/actuator cable
1456718 PHOENIX-1456718 Datasheet
388Kb / 11P
SAC-3P- 3,0-800/M12FR - Sensor/actuator cable
1456734 PHOENIX-1456734 Datasheet
383Kb / 11P
SAC-3P-M12MS/ 1,5-800 - Sensor/actuator cable
1456747 PHOENIX-1456747 Datasheet
383Kb / 11P
SAC-3P-M12MS/ 3,0-800 - Sensor/actuator cable
1456750 PHOENIX-1456750 Datasheet
383Kb / 11P
SAC-3P-M12MS/ 5,0-800 - Sensor/actuator cable
More results

Similar Description - 1456721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1681059 PHOENIX-1681059 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR-2L B
1414561 PHOENIX-1414561 Datasheet
143Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M12FS-2L
09/11/2020
1415875 PHOENIX-1415875 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M 8FR-2L
09/11/2020
1454299 PHOENIX-1454299 Datasheet
119Kb / 9P
Sensor/actuator cable - SAC-3P-10,0-800/M12FR
09/11/2020
1505326 PHOENIX-1505326 Datasheet
108Kb / 8P
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
09/11/2020
1562482 PHOENIX-1562482 Datasheet
89Kb / 5P
Sensor/actuator cable - SAC-3P-M12Y/2X3,0-PUR/M12FR-2L
12/06/2018
1693403 PHOENIX-1693403 Datasheet
157Kb / 12P
Sensor/actuator cable - SAC-3P-M 8MS/ 3,0-PUR/M12FR-2L
09/11/2020
1694402 PHOENIX-1694402 Datasheet
137Kb / 11P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR-2L
09/11/2020
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
1698039 PHOENIX-1698039 Datasheet
84Kb / 5P
Sensor/actuator cable - SAC-3P-M12MS/ 1,0-PUR/M12FR-2L
12/07/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com