Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR0845CA-5 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR0845CA-5
Description  8 AMP 1/ 45 VOLTS COMMON ANODE SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR0845CA-5 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR0845CA-5 Datasheet HTML 1Page - Solid States Devices, Inc SSR0845CA-5 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Ave. * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
8 AMP 1/
45 VOLTS
COMMON ANODE
SCHOTTKY RECTIFIER
TO-5
SSR0845CA/5
Maximum Ratings
45
80
Amps
8 1/
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JC
7.0
Peak Repetitive Reverse and
DC Blocking Voltage
Peak Surge Current 2/
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TC = 25
oC)
Maximum Thermal Resistance 3/
Junction to Case
Average Total Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC = 25
oC
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0023A
• Extremely Low Forward Voltage Drop
• Hermetically Sealed
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 150oC Operating Junction Temperature
• TX, TXV and Space Level Screening Available
oC
-65 TO +165
-65 TO +200
TOP
TSTG
Operating and Storage Temperature
Notes:
1/
4 Amps per leg; 8 Amps total output.
2/
Per leg. Each leg surged independantely from the other leg.
3/
Both legs tied together.


Similar Part No. - SSR0845CA-5

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR007 SSDI-SSR007 Datasheet
50Kb / 2P
2 AMP 25 VOLTS SCHOTTKY RECTIFIER
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-05S2P5 P-DUKE-SSR01-05S2P5 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S05 P-DUKE-SSR01-12S05 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S09 P-DUKE-SSR01-12S09 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
More results

Similar Description - SSR0845CA-5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6660 MICROSEMI-1N6660 Datasheet
41Kb / 1P
30 Amp / 45 VOLTS COMMON CATHODE OR COMMON ANODE SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED10HB45 SSDI-SED10HB45 Datasheet
42Kb / 2P
10 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645G SSDI-SSR1645G Datasheet
198Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645Z SSDI-SSR1645Z Datasheet
207Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED75KB45 SSDI-SED75KB45 Datasheet
33Kb / 2P
75 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045 SSDI-SSR4045 Datasheet
209Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045M SSDI-SSR4045M Datasheet
210Kb / 2P
40 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRD845C MCC-MBRD845C Datasheet
444Kb / 2P
8 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com