Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6855D Datasheet(PDF) 3 Page - EPCOS

Part # X6855D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6855D Datasheet(HTML) 3 Page - EPCOS

  X6855D Datasheet HTML 1Page - EPCOS X6855D Datasheet HTML 2Page - EPCOS X6855D Datasheet HTML 3Page - EPCOS X6855D Datasheet HTML 4Page - EPCOS X6855D Datasheet HTML 5Page - EPCOS X6855D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 22, 2005
SAW Components
X 6855 D
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center Frequency
fc
—
44,00
—
(center between 3dB points)
Insertion attenuation
α
Reference level for the
44,06 (44,00) MHz
15,8
17,3
18,8
dB
following data
Pass bandwidth
α
rel < 3 dB
B3dB
—
7,9
—
MHz
α
rel < 30 dB
B30dB
—
9,6
—
MHz
Relative attenuation
α
rel
40,53 (40,47) MHz
—
–0,2
—
dB
47,59 (47,53) MHz
—
1,3
—
dB
40,06 (40,00) MHz
1,2
2,4
—
dB
48,06 (48,00) MHz
2,8
4,0
—
dB
Lower sidelobe
35,06 ... 38,06 (35,00 ... 38,00) MHz
40,0
46,0
—
dB
38,06 ... 39,06 (38,00 ... 39,00) MHz
36,0
44,0
—
Upper sidelobe
49,06 ... 50,26 (49,00 ... 50,20) MHz
35,0
41,0
—
50,26 ... 55,06 (50,20 ... 55,00) MHz
40,0
48,0
—
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
54,0
—
dB
(test pulse 250 ns, carrier frequency 44,06 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns, carrier frequency 44,06 MHz)
Group delay ripple (p-p)
∆τ
40,06 ... 48,06 (40,00 ... 48,00) MHz
—
50
—
ns
Impedance at 44,06 MHz
Input:
ZIN
=
RIN
||
CIN
—
2,0 ||17,0
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,6 || 4,5
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com