Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6857D Datasheet(PDF) 3 Page - EPCOS

Part # X6857D
Description  SAW Components Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6857D Datasheet(HTML) 3 Page - EPCOS

  X6857D Datasheet HTML 1Page - EPCOS X6857D Datasheet HTML 2Page - EPCOS X6857D Datasheet HTML 3Page - EPCOS X6857D Datasheet HTML 4Page - EPCOS X6857D Datasheet HTML 5Page - EPCOS X6857D Datasheet HTML 6Page - EPCOS X6857D Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Nov 13, 2003
SAW Components
X 6857 D
36,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,00 MHz
19,0
20,5
22,0
dB
following data
Amplitude ripple (p-p)
∆α
32,35
... 39,65 MHz
—
0,7
—
dB
Pass bandwidth
α
rel < 1,5 dB
B1,5dB
—
7,8
—
MHz
α
rel < 3 dB
B3dB
—
8,1
—
MHz
α
rel < 15 dB
B15dB
—
8,9
—
MHz
α
rel < 30 dB
B30dB
—
9,4
—
MHz
Relative attenuation
α
rel
31,65 MHz
7,0
10,0
—
dB
40,35 MHz
7,0
10,0
—
dB
31,30 MHz
22,0
29,0
—
dB
40,70 MHz
22,0
29,0
—
dB
Lower sidelobe
25,00
... 31,00 MHz
36,0
40,0
Upper sidelobe
41,00
... 45,00 MHz
36,0
41,0
Reflected wave signal suppression
1,0
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
—
50,0
—
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Group delay ripple (p-p)
∆τ
32,35
... 39,65 MHz
—
50
—
ns
Impedance at 36,00 MHz
Input:
ZIN
=
RIN
||
CIN
—
2,8 ||15,5
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,4 || 4,4
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com