Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1645DJ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1645DJ
Description  16A 45 V SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1645DJ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1645DJ Datasheet HTML 1Page - Solid States Devices, Inc SSR1645DJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0026B
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1645CTJ
SSR1645CAJ
SSR1645DJ
Electrical Characteristic
5/
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300µsec Pulse)
IF = 5A
IF = 10A
IF = 16A
VF1
VF2
VF3
––
––
––
0.54
0.64
0.76
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300µsec Pulse)
IF = 10A
VF4
––
0.72
VDC
Reverse Leakage Current
(VR =45V, 300µs pulse min.)
TA = 25ºC
TC = 100ºC
IR1
IR2
––
––
200
15
µA
mA
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
––
800
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Maximum Electrical Rating Shown for Centertap Configurations both Legs Tied Together.
For Doubler Configurations: IO = 15A, IFSM = 250A.
5/ All Electrical Characteristics per Leg @25ºC, Unless Otherwise Specified.
Available Part Numbers:
SSR1645CTJ
SSR1645CTJUB
SSR1645CTJDB
SSR1645CAJ
SSR1645CAJUB
SSR1645CAJDB
SSR1645DJ
SSR1645DJUB
SSR1645DJDB
PIN ASSIGNMENT
CONFIGURATION
Pin 1
Pin 2
Pin 3
Common Cathode (CT)
Anode
Cathode
Anode
Common Anode (CA)
Cathode
Anode
Cathode
Doubler (D)
Cathode
AC
Anode
2x
.180
.150
.170
MIN
SUFIX JDB
.180
.150
.170
MIN
SUFIX JUB
CASE OUTLINE:
TO257 (J)
.125
.115
1.100
.500
PIN 1
PIN 2
PIN 3
.537
.527
.665
.645
.430
.410
.210
.190
.045
.035
Ø.150
.140
.420
.410
.105
.095
3x Ø
.035
.025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com