Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM41 Datasheet(PDF) 1 Page - Bi technologies

Part # HM41
Description  Toroid Style Gate Drive Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM41 Datasheet(HTML) 1 Page - Bi technologies

  HM41 Datasheet HTML 1Page - Bi technologies HM41 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
20
HM41-10812LF
8:8:12
0.14
0.5
0.060
0.097
52
4200
500
1
HM41-21010LF
10:10
0.22
0.5
0.072
0.074
65
-
4200
2
HM41-11010LF
10:10:10
0.22
0.5
0.072
0.074
65
4200
500
1
HM41-11210LF
12:12:10
0.31
0.5
0.077
0.074
78
4200
500
1
HM41-11410LF
14:14:10
0.42
0.5
0.090
0.074
91
4200
500
1
HM41-21015LF
10:15
0.22
0.5
0.072
0.100
65
-
4200
2
HM41-11510LF
15:15:10
0.48
0.5
0.100
0.074
98
4200
500
1
HM41-12010LF
20:20:10
0.86
0.5
0.138
0.074
130
4200
500
1
HM41-12020LF
20:20:20
0.86
0.5
0.156
0.156
130
4200
500
1
• Operating Temperature Range
-25°C to +85°C
• Insulation Resistance, Minimum
100M
• Temperature Rise, Maximum
40°C
• Current Rating
0.3 Amps

Electrical / Environmental
Toroid Style Gate Drive Transformers
RoHS
Compliant
Schematics
Specifications @ 25°C
Notes:
(1) Leakage inductance is measured at winding (3-4) with all other winding(s) shorted.
(2) Hi-Pot tester setting : 0.5mA maximum leakage current, 3 seconds duration.
Inductance
Leakage(1)
Turns
10kHz, 50mV
Inductance
DC Resistance
ET
Isolation(2)
Part
±0
P(1-6)
P(3-4)
P(1-6)
P(3-4)
P(1-6)
N3-N1/N2
N1-N2
Number
N1:N2:N3
mH Min.
µH Min.
Max.
Max.
V-µS Max.
Vrms
Vrms
Schematic
Packaging
Standard: Vacuum Tray
Model
Capacity Per Tray
Capacity Per Carton
(Units)
(Unit)
HM41-1XXXXLF
90
360
HM41-2XXXXLF
90
360
Schematic 1
(HM41-1XXXXLF)
Schematic 2
(HM41-2XXXXLF)


Similar Part No. - HM41

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM41 TTELEC-HM41 Datasheet
702Kb / 2P
Toroid Style Gate Drive Transformers
logo
Vaisala
HM41 VAISALA-HM41 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
Bi technologies
HM41-10812LF BITECH-HM41-10812LF Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
logo
TT Electronics.
HM41-10812LF TTELEC-HM41-10812LF Datasheet
702Kb / 2P
Toroid Style Gate Drive Transformers
logo
Bi technologies
HM41-11010LF BITECH-HM41-11010LF Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
More results

Similar Description - HM41

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
SMD GATE DRIVE TRANSFORMERS
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
SMT Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
Gate Drive Transformers
HM41 BITECH-HM41_15 Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
logo
TT Electronics.
HM41 TTELEC-HM41 Datasheet
702Kb / 2P
Toroid Style Gate Drive Transformers
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
Micro Gate Drive Transformers
27-Oct-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com