Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSM623 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HSM623
Description  CRYSTAL CONTROLLED OSCILLATORS 3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HSM623 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HSM623 Datasheet HTML 1Page - List of Unclassifed Manufacturers HSM623 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield HSM613,
HSM623, HSM633 are 3.3V
HCMOS, Surface Mount, Fixed
Frequency Crystal Oscillators
(XO) designed for use in all
applications requiring precision
clocks. The surface mount
package is designed for high-
density mounting and is
optimum for mass production.
1
2
HSM633 - 125.00 MHz
CLOCK
SERIES
CENTER
FREQUENCY
3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator
Sm044
06
2/12/02
www.conwin.com
ORDERING INFORMATION
FEATURES
DESCRIPTION
HSM613, HSM623,
HSM633
Dimensional Tolerance: ±.02” (.508mm)
±.005” (.127mm)
1.544 to 170 Mhz
3.3V OPERATION
TRI-STATE ENABLE/DISABLE
POWER SAVING FUNCTION: 10uA
WHEN DISABLED
OVERALL FREQUENCY TOLERANCE:
HSM613 ±25ppm
HSM623 ±50ppm
HSM633 ±100ppm
TEMPERATURE RANGE: -40 to 85°C
CERAMIC SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-55
-
125
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
MODEL SPECIFICATIONS:
TABLE 2.0
MODEL HSM613
Frequency Range
(Fo)
1.544
-
125
MHz
Frequency Tolerance:
-25
-
25
ppm
1
MODEL HSM623
Frequency Range
(Fo)
1.544
-
170
MHz
Frequency Tolerance:
-50
-
50
ppm
1
MODEL HSM633
Frequency Range
(Fo)
1.544
-
170
MHz
Frequency Tolerance:
-100
-
100
ppm
1
OPERATING SPECIFICATIONS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vdd)
3.0
3.3
3.6
Vdc
Supply Current
1.544 to 31.99 MHz
(Icc)
-
-
15
mA
32 to 49.99 MHz
(Icc)
-
-
20
mA
50 to 66.99 MHz
(Icc)
-
-
25
mA
67 to 124.99 MHz
(Icc)
-
-
40
mA
125 to 170 MHz
(Icc)
-
-
50
mA
INPUT CHARACTERISTICS
TABLE 4.0
Enable Voltage
(Vih)
= 70% Vdd
-
-
Vdc
2
Disable Voltage
(Vil)
-
-
= 30% Vdd
Vdc
Enable Time
-
-
10
mS
Disable Time
-
-
150
nS
Output Disable Current
(Icc)
-
-
10
uA
HCMOS OUTPUT
CHARACTERISTICS
TABLE 5.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.91
-
-
Vdc
(Low)
(Vol)
-
-
0.33
Vdc
Current
(High)
(Ioh)
-2
-
-
mA
(Low)
(Ioh)
-
-
2
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
Start-Up Time
-
-
10
mS
Jitter
-
-
5
pS RMS
PACKAGE CHARACTERISTICS
TABLE 6.0
Package
Hermetically sealed ceramic package and metal c over


Similar Part No. - HSM623

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HSM626 CONNOR-WINFIELD-HSM626 Datasheet
228Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
HSM626-25M CONNOR-WINFIELD-HSM626-25M Datasheet
228Kb / 2P
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
More results

Similar Description - HSM623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE14-511 ETC1-EE14-511 Datasheet
136Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS 14 PIN 3.3V ECL CLOCK OSCILLATOR
CMO3 ETC1-CMO3 Datasheet
409Kb / 2P
3.3V 5x7mm Surface Mount Crystal Clock Oscillators
F1300C ETC1-F1300C Datasheet
442Kb / 2P
3.3V FR-4 Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
MSO3 MTRONPTI-MSO3 Datasheet
611Kb / 2P
3.3V 9x11mm Surface Mount Crystal Clock Oscillators
K3100G MTRONPTI-K3100G Datasheet
421Kb / 2P
3.3V Crystal Clock Oscillators
K3500G MTRONPTI-K3500G Datasheet
414Kb / 2P
3.3V Crystal Clock Oscillators
logo
Connor-Winfield Corpora...
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
HSM643 CONNOR-WINFIELD-HSM643 Datasheet
84Kb / 2P
3.3V Surface Mount Crystal Clock Oscillator
HSM343 CONNOR-WINFIELD-HSM343 Datasheet
137Kb / 2P
3.3V SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
SMH54AA CONNOR-WINFIELD-SMH54AA Datasheet
101Kb / 1P
3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com