Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1630CTJ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1630CTJ
Description  16 AMPS 30 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1630CTJ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1630CTJ Datasheet HTML 1Page - Solid States Devices, Inc SSR1630CTJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• PIV to 30 Volts
• Low Reverse Leakage Current
• Low Forward Voltage Drop
• Guard Ring for Overvoltage Protection
• Isolated Hermetically Sealed Package
• Custom Lead Forming Available
• Eutectic Die Attach
• Ultrasonic Aluminum Wire Bonds
• 150oC Operating Junction Temperature
• TX, TXV, and Space Level Screening Available.
Consult Factory.
SSR1630CTJ
SSR1630CAJ
SSR1630DJ
16 AMPS
30 VOLTS
SCHOTTKY
RECTIFIER
TO-257 (J)
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
VRRM
VRWM
VR
30
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25
oC) 1/
IO
16
Amps
Peak Surge Current
(8.3 ms Pulse, Half Since Wave, TA = 25
oC) 1/
IFSM
150
Amps
Operating & Storage Temperature
TOP & Tstg
-65 to +150
oC
Maximum Thermal Resistance
(Junction to Case)
1/
RθθJC
1.6
oC/W
NOTE:
1/ Per Leg
Available in the Following Configurations:
Rectifier:
Common Cathode Centertap:
Common Anode Centertap:
Doubler:
SSR1630J, SSR1630JDB, and SSR1630JUB
SSR1630CTJ, SSR1630CTJDB, and SSR1630CTJUB
SSR1630CAJ, SSR1630CAJDB, and SSR1630CAJUB
SSR1630DJ, SSR1630DJDB, SSR1630DJUB
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0031A
DOC
PRELIMINARY


Similar Part No. - SSR1630CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1640A SSDI-SSR1640A Datasheet
50Kb / 2P
15 AMP 40 VOLTS SCHOTTKY RECTIFIER
SSR1645 SSDI-SSR1645 Datasheet
200Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-5 SSDI-SSR1645-5 Datasheet
198Kb / 2P
10 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
20 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1630CTJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1045 SSDI-SSR1045 Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR1045C SSDI-SSR1045C Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045G SSDI-SSR2045G Datasheet
196Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2040 SSDI-SSR2040 Datasheet
203Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040J SSDI-SSR2040J Datasheet
196Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040M SSDI-SSR2040M Datasheet
212Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SSR2040C SSDI-SSR2040C Datasheet
292Kb / 2P
20 AMPS 40 VOLTS SCHOTTKY RECTIFIER
SED30KB45 SSDI-SED30KB45 Datasheet
153Kb / 2P
30 AMPS 45 VOLTS POWER SCHOTTKY DIODE
logo
Yangzhou yangjie electr...
GF1650LA YANGJIE-GF1650LA Datasheet
151Kb / 2P
16 AMPS. SCHOTTKY BARRIER RECTIFIER
GF1650MG YANGJIE-GF1650MG Datasheet
259Kb / 2P
16 AMPS. SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com