Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED30KB45 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SED30KB45
Description  30 AMPS 45 VOLTS POWER SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED30KB45 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SED30KB45 Datasheet HTML 1Page - Solid States Devices, Inc SED30KB45 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0032A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Surface Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175oC Operating Temperature
• TX, TXV, and Space Level Screening Available.
Contact Factory.
SED30KB45
SED30KE45
30 AMPS
45 VOLTS
POWER SCHOTTKY DIODE
SEDPACK 2
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
30
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
Junction to Case
RθJC
0.80
oC/W
CASE OUTLINE: SED30KB45
CASE OUTLINE: SED30KE45


Similar Part No. - SED30KB45

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
More results

Similar Description - SED30KB45

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD10-45L CENTRAL-CSHD10-45L Datasheet
83Kb / 2P
POWER SCHOTTKY RECTIFIER 10 AMPS, 45 VOLTS
logo
Solid States Devices, I...
SSR1045 SSDI-SSR1045 Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR1045G SSDI-SSR1045G Datasheet
193Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-5 SSDI-SSR1045-5 Datasheet
195Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-59 SSDI-SSR1045-59 Datasheet
196Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045J SSDI-SSR1045J Datasheet
198Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045M SSDI-SSR1045M Datasheet
213Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR1045C SSDI-SSR1045C Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045-28 SSDI-SSR2045-28 Datasheet
203Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR2045G SSDI-SSR2045G Datasheet
196Kb / 2P
20 AMPS 45 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com