Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1630DJ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1630DJ
Description  16 AMPS 30 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1630DJ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1630DJ Datasheet HTML 1Page - Solid States Devices, Inc SSR1630DJ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
1/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300 µsec pulse)
IF = 7.5 A
IF = 16.0 A
VF1
VF2
––
––
0.48
0.60
VDC
Instantaneous Forward Voltage Drop
(IF = 16 A, 300 µsec pulse)
TA= -55ºC
TA= 125 ºC
VF3
VF4
––
––
0.66
0.50
VDC
Reverse Leakage Current
(VR = 30 V, TA = 25ºC, 300 µsec pulse minimum)
IR1
––
1
mA
Reverse Leakage Current
(VR = 30 V, TC = 100ºC, 300 µsec pulse
minimum)
IR2
––
150
mA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25
oC)
CJ
––
1900
pF
CASE OUTLINE: TO-257 (Suffix J)
OPTIONAL LEAD BEND CONFIGURATION
SUFIX JDB
SUFIX JUB
PIN ASSIGNMENT
CODE
FUNCTION
Pin 1
Pin 2
Pin 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode
AC
Anode
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1630CTJ
SSR1630CAJ
SSR1630DJ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com