Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR4045CTS1 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR4045CTS1
Description  40 AMP 45 Volts POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR4045CTS1 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR4045CTS1 Datasheet HTML 1Page - Solid States Devices, Inc SSR4045CTS1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR4045CTS1
Electrical Characteristics (per leg)
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(IF= 5Adc, TA = 25ºC, pulse)
(IF=10Adc, TA = 25ºC, pulse)
(IF=20Adc, TA = 25ºC, pulse)
VF1
VF2
VF3
––
0.51
0.58
0.70
Volts
Instantaneous Forward Voltage Drop
(IF= 10Adc, TA = -55ºC, pulse)
VF4
––
0.65
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, pulse)
IR1
––
200
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, pulse)
IR2
––
15
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
800
pF
CASE OUTLINE: SMD1
Pin 1: ANODE
Pin 2: CATHODE
Pin 3: ANODE
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0041A
DOC
1
3
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com