Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR30C100S1 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR30C100S1
Description  30 A / 1200 V Schottky Silicon Carbide Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR30C100S1 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR30C100S1 Datasheet HTML 1Page - Solid States Devices, Inc SSR30C100S1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/ 4/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, Pulse)
IF = 10 A
IF = 20 A
IF = 30 A
IF = 40 A
VF1
VF2
VF3
VF4
––
––
––
––
1.25
1.65
1.8
2.0
1.45
1.75
2.25
---
VDC
Instantaneous Forward Voltage Drop
(Pulse)
TA= -55ºC, IF = 20 A
TA= 150 ºC, IF = 20 A
VF5
VF6
––
––
1.5
2.6
2.0
2.9
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, Pulse)
IR1
––
250
1500
µA
Reverse Leakage Current
(Rated VR, TA = 150ºC, Pulse)
IR2
––
1
5
mA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25
oC)
CJ
––
1250
2000
pF
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
4/ Terminal Pads 1 & 3 Must be connected together for testing and at the Board Level.
Available Part Numbers:
SSR30C100S1
SSR30C120S1
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
SMD1
Anode
Cathode
Anode
SMD1 Outline:
Tolerances (Unless Specified):
.XX = ±.030”
.XXX = ±.010”
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR30C100S1
&
SSR30C120S1
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0043B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com