Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA240A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA240A
Description  120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA240A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA240A Datasheet HTML 1Page - Solid States Devices, Inc SDA240A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES: 1. For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2. Screened to MIL-PRF-19500.
3. Unless Otherwise Specified, All Electrical Characteristics @25ºC.
SDA240 Package:
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA240A and SDA240B
ELECTRICAL CHARACTERISTICS3/
Part Number
Capacitance, per leg
(VR = 1.0 VDC, 100 kHz < 1.0 MHz)
Maximum Reverse Leakage
Current, per leg
(Rated VR, TC = 25OC)
Maximum Full Cycle Leakage
Current Averaged Over Full
Cycle, per leg
(Rated VR, 60 Hz, Square
Wave, TC = 125OC)
Maximum
Instantaneous Forward Voltage
Drop, per leg
(IF = 60 ADC
Symbol
Ct
IR
IR (AV)
VF
Units
pF
µA
mA
Volts
Conditions
Tj = 25oC
Tj = 125oC
SDA2025
3700
300
100
0.65
0.57
SDA2026
3700
300
100
0.65
0.57
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0046A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com