Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1086-2.85M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR1086-2.85M
Description  SVR1086-2.85M 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1086-2.85M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR1086-2.85M Datasheet HTML 1Page - Solid States Devices, Inc SVR1086-2.85M Datasheet HTML 2Page - Solid States Devices, Inc SVR1086-2.85M Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOLID STATE DEVICES, INC.
SVR1086-2.85M, Z, & -20
thru
SVR1086-12M, Z, & -20
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics
SYMBOL
UNITS
MAX
Reference Voltage 6/
Output Voltage 6/
(10mA
# IOUT #1.5A)
Line Regulation
(IOUT = 0A)
Load Regulation 5/, 6/
(0
# IOUT #1.5A)
Dropout Voltage 7/
Current Limit
Min. Load Current 8/
Quiescient Current
1.270
2.910
3.365
3.672
5.100
12.24
0.20
0.20
6.00
6.00
10.0
10.0
10.0
10.0
10.0
10.0
25.0
25.0
0.3
0.4
12
20
15
25
15
25
20
35
36
72
1.5
2.80
--
10
10
10
10
10
10
V
V
V
V
V
V
V
%
%
mV
mV
mV
mV
mV
mV
mV
mV
mV
mV
%
%
mV
mV
mV
mV
mV
mV
mV
mV
mV
mV
V
A
A
A
mA
mA
mA
mA
mA
VREF
VOUT
ªVOUT
ªVIN
ªVOUT
ªIOUT
ªV
ILIMIT
ILOAD
IQ
MIN
1.225
2.790
3.235
3.500
4.900
11.76
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
--
1.50
0.05
--
--
--
--
--
--
SVR1086 -_
SVR1086 -2.85
SVR1086 -3.3
SVR1086 -3.6
SVR1086 -5
SVR1086 -12
SVR1086 -_
SVR1086 -2.85
SVR1086 -3.3
SVR1086 -3.6
SVR1086 -5
SVR1086 -12
SVR1086 -_
SVR1086 -2.85
SVR1086 -3.3
SVR1086 -3.6
SVR1086 -5
SVR1086 -12
SVR1086 -_
SVR1086 -2.85
SVR1086 -3.3
SVR1086 -3.6
SVR1086 -5
SVR1086 -12
TYP
1.250
2.850
3.300
3.600
5.000
12.00
0.015
0.035
0.3
0.6
0.5
1.0
0.5
1.0
0.5
1.0
1.0
2.0
0.1
0.2
3
6
3
7
3
6
5
10
12
24
1.3
2.00
0.15
5
5
5
5
5
5
(10mA
# IOUT #1.5A,
1.5V
# ªV #15V)
(4.35V
# VIN # 18V)
(4.75V
# VIN # 15V)
(5V
# VIN # 18V)
(6.5V
# VIN # 20V)
(13.5V
# VIN # 25V)
(1.5V
#ªV # 5V,
ILoad = 10mA)
(4.35V
# VIN # 18V)
(4.5V
# VIN # 18V)
(4.75V
# VIN # 18V)
(6.5V
# VIN # 20V)
(13.5V
# VIN # 25V)
(
ªV =3V ,
10mA
# IOUT # 1.5A)
(VIN = 5V)
(VIN = 5V)
(VIN = 5.25V)
(VIN = 8V)
(VIN = 15V)
(See Note )
ªV = 5V
ªV = 25V
(
ªV = 25V)
(VIN
# 18V)
(VIN
# 18V)
(VIN
# 18V)
(VIN
# 20V)
(VIN
# 25V)
to
*
*
*
*
*
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
25
*
*
*
*
*
*
*
*
*
*
NOTE:
*
Full Temperature Range



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com