Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6875D Datasheet(PDF) 3 Page - EPCOS

Part # X6875D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6875D Datasheet(HTML) 3 Page - EPCOS

  X6875D Datasheet HTML 1Page - EPCOS X6875D Datasheet HTML 2Page - EPCOS X6875D Datasheet HTML 3Page - EPCOS X6875D Datasheet HTML 4Page - EPCOS X6875D Datasheet HTML 5Page - EPCOS X6875D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 04, 2004
SAW Components
X 6875 D
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center frequency
fC
—
(44,00)
—
MHz
(center between 3 dB points)
Insertion attenuation
α
Reference level for the
44,06 (44,00) MHz
13,3
14,8
16,3
dB
following data
Pass bandwith
α
rel ≤3dB
B3dB
—
6,0
—
MHz
α
rel ≤30 dB
B30dB
—
7,9
—
MHz
Amplitude ripple
∆α
41,53 ... 46,59 (41,47 ... 46,53 ) MHz
—
0,5
—
dB
Relative attenuation
α
rel
41,53 (41,47) MHz
—
0,3
—
dB
46,59 (46,53) MHz
—
0,3
—
dB
41,06 (41,00) MHz
1,6
2,8
4,0
dB
47,06 (47,00) MHz
2,0
3,2
4,4
dB
47,31 (47,25) MHz
—
6,7
—
dB
39,81 (39,75) MHz
39,0
49,0
—
dB
Lower sidelobe
35,06 ... 38,81 (35,00 ... 38,75) MHz
44,0
50,0
—
dB
38,81 ... 39,81 (38,75 ... 39,75) MHz
38,0
46,0
—
dB
Upper sidelobe
48,31 ... 50,31 (48,25 ... 50,25) MHz
37,0
47,0
—
dB
50,31 ... 55,06 (50,25 ... 55,00) MHz
43,0
53,0
—
dB
Reflected wave signal suppression
1,1
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 44,06 MHz)
Group delay ripple (p-p)
∆τ
41,53 ... 46,59 (41,47 ... 46,53 ) MHz
—
40
—
ns
Impedance at 44,06 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,6 ||14,3
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1,6 || 4,3
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com