Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6933D Datasheet(PDF) 3 Page - EPCOS

Part # X6933D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6933D Datasheet(HTML) 3 Page - EPCOS

  X6933D Datasheet HTML 1Page - EPCOS X6933D Datasheet HTML 2Page - EPCOS X6933D Datasheet HTML 3Page - EPCOS X6933D Datasheet HTML 4Page - EPCOS X6933D Datasheet HTML 5Page - EPCOS X6933D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Oct 06, 2004
SAW Components
X 6933 D
57,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 (45) ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF and matching network
min.
typ.
max.
Insertion attenuation
α
Reference level for the
57,02 (57,00) MHz
14,5
16,0
17,5
dB
following data
Amplitude ripple (p-p)
∆α
54,52 ... 59,52 (54,50 ... 59,50) MHz
—
0,5
—
dB
Relative attenuation
α
rel
52,77 (52,75) MHz
40,0
46,0
—
dB
53,52 (53,50) MHz
—
27,0
—
dB
54,21 (54,19) MHz
–0,1
0,9
1,9
dB
59,83 (59,81) MHz
0,3
1,3
2,3
dB
60,27 (60,25) MHz
—
13,0
—
dB
62,40 (62,38) MHz
42,0
48,0
—
dB
64,77 (64,75) MHz
43,0
49,0
—
dB
Lower sidelobe
45,02 ... 50,02 (45,00 ... 50,00) MHz
39,0
45,0
—
dB
50,02 ... 52,77 (50,00 ... 52,75) MHz
36,0
40,0
—
dB
Upper sidelobe
62,40 ... 70,02 (62,38 ... 70,00) MHz
38,0
45,0
—
dB
Reflected wave signal suppression
1,5
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 57,02 MHz)
Group delay ripple (p-p)
∆τ
54,21 ... 59,83 (54,19 ... 59,81) MHz
—
40
—
ns
Impedance at 57,02 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,3 ||21,9
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
4,0 || 6,5
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–18
—
ppm/K
Matching network:
Lp1 = 820 nH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com