Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6959D Datasheet(PDF) 3 Page - EPCOS

Part # X6959D
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6959D Datasheet(HTML) 3 Page - EPCOS

  X6959D Datasheet HTML 1Page - EPCOS X6959D Datasheet HTML 2Page - EPCOS X6959D Datasheet HTML 3Page - EPCOS X6959D Datasheet HTML 4Page - EPCOS X6959D Datasheet HTML 5Page - EPCOS X6959D Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 04, 2005
SAW Components
X 6959 D
44,00 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Center frequency
fC
—
44,00
—
MHz
(center between 10 dB points)
Insertion attenuation
α
Reference level for the
44,00 MHz
13,3
14,8
16,3
dB
following data
Pass bandwith
α
rel ≤ 3dB
B3dB
—
1,7
—
MHz
α
rel ≤ 6dB
B6dB
—
2,0
—
MHz
α
rel ≤ 30 dB
B30dB
—
2,9
—
MHz
Relative attenuation
α
rel
Lower sidelobe
35,00 ... 41,30 MHz
38,0
43,0
—
dB
41,30 ... 42,30 MHz
36,0
43,0
—
dB
Upper sidelobe
45,80 ... 47,20 MHz
33,0
39,0
—
dB
47,20 ... 55,00 MHz
39,0
45,0
—
dB
Group delay ripple (p-p)
∆τ
Aperture 50 kHz
43,00 ... 45,00 MHz
—
40
—
ns
Impedance at 44,00 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,8 ||12,8
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
0,9 || 3,8
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com