Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1038N Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR1038N
Description  10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1038N Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR1038N Datasheet HTML 1Page - Solid States Devices, Inc SVR1038N Datasheet HTML 2Page - Solid States Devices, Inc SVR1038N Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SVR1086-2.85N, P, B, & A
NOTES:
*
Full Temperature Range
1/
For Ordering Information, Price, and Availability Contact
Factory.
2/
Screening per MIL-PRF-19500.
3/
For Lead Bend Options Request Document # DSB-001 (Available for Download @ ssdi-power.com).
4/
For Package Outlines Request Document # DSA-001. (Available for Download @ ssdi-power.com)
6/
See Thermal Regulation specifications for changes in Output Voltage due to the heating effects. Line and Load Regulations are
measured at a constant Junction Temperature by low duty cycle pulse testing. Load Regulation is measured at the Output Lead at
approx. 1/8” from the package.
5/
Unless otherwise specified, these specifications apply:
ªV = 5V and IOUT = 5A. These specifications are applicable for power
dissipations up to 75W. At Input-Output voltage differentials greater than 10V, achievable output current and power dissipation
decrease due to the protection circuitry.
Electrical Characteristics
SYMBOL
UNITS
MAX
Reference Voltage 7/
Line Regulation
Load Regulation 6/, 7/
(0
# IOUT #1.5A)
Thermal Regulation
Ripple Rejection
VOUT=10V, f=120Hz,
COUT =25
:F
Adjust Pin Current
Adjust Pin Current
Change
Minimum Load
Current
Current Limit
Temperature Stability
Long Term Strability
RMS Output Noice
Thermal Resistance
Junction to Case
1.260
1.285
0.010
0.03
4.00
8.00
.005
--
--
100
3
20
10
--
--
--
2
1.0
--
1.0
0.5
V
V
%/V
%/V
%
%
%/W
dB
dB
:A
:A
mA
mA
A
A
A
%
%
%
oC/W
oC/W
VREF
ªVOUT
ªVIN
ªVOUT
ªIOUT
IADJ
ªIADJ
ISC
ªVOUT
ªT
ªVOUT
ªVtime
en
R2JC
MIN
1.240
1.220
--
--
--
--
--
--
60
--
--
--
--
10
14
1
--
--
--
--
--
TYP
1.250
1.250
0.005
0.02
0.1
0.3
.002
60
75
50
0.2
7
14
22
2
1
0.3
0.001
--
--
IOUT = 20mA
20mA
# IOUT # 10A, 3V#ªV#35V, P#75W
3V
#ªV # 35V, IOUT = 20mA
20mA
# IOUT # 10A, 3V # ªV # 35V
30 msec Pulse
CADJ = 0
CADJ = 10
:F
20mA
# IOUT # 10A, 3V # ªV # 35V
ªV = 35V
ªV # 20V
ªV # 10VDC
ªV # 10V (Transient)
ªV = 30V
T = 1000 hrs
10Hz
# f # 10kHz
Power Transistor
Control Circuitry
to
25
*
25
*
25
*
25
*
*
*
*
*
*
*
*
25
125
25
*
*
PIN ASSIGNMENT
PIN 2
PIN 3
Output
PIN 1
FUNCTION
Input
Adjust
Voltage Regulator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com