Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X6966M Datasheet(PDF) 3 Page - EPCOS

Part # X6966M
Description  SAW Components Bandpass Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X6966M Datasheet(HTML) 3 Page - EPCOS

  X6966M Datasheet HTML 1Page - EPCOS X6966M Datasheet HTML 2Page - EPCOS X6966M Datasheet HTML 3Page - EPCOS X6966M Datasheet HTML 4Page - EPCOS X6966M Datasheet HTML 5Page - EPCOS X6966M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 31, 2006
SAW Components
X 6966 M
36,125 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,125 MHz
18,8
20,3
21,8
dB
following data
Amplitude ripple
∆α
32,65
... 39,60 MHz
0,0
0,5
1,0
dB
Pass bandwith
α
rel ≤1dB
B1dB
—
7,5
—
MHz
α
rel ≤3dB
B3dB
—
8,0
—
MHz
α
rel ≤30 dB
B30dB
—
9,4
—
MHz
Relative attenuation
α
rel
32,32 MHz
–0,1
0,9
1,9
dB
39,93 MHz
0,4
1,4
2,4
dB
32,13 MHz
1,5
2,7
3,9
dB
40,13 MHz
2,3
3,5
4,7
dB
31,25 MHz
37,0
51,0
—
dB
47,25 MHz
45,0
60,0
—
dB
Lower sidelobe
25,00
... 31,25 MHz
35,0
41,0
—
dB
Upper sidelobe
40,90
... 50,00 MHz
32,0
39,0
—
dB
Reflected wave signal suppression
1,0
µs ... 6,0 µs after main pulse
42,0
52,0
—
dB
(test pulse 250 ns,
carrier frequency 36,125 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
—
dB
(test pulse 250 ns,
carrier frequency 36,125 MHz)
Group delay ripple (p-p)
∆τ
Aperture 62,5 kHz
32,32
... 39,93 MHz
—
40
—
ns
Impedance at 36,125 MHz
Input:
ZIN
=
RIN
||
CIN
—
2,3 ||14,7
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,4 || 3,9
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com