Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7253D Datasheet(PDF) 4 Page - EPCOS

Part # X7253D
Description  SAW Components Bandpass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7253D Datasheet(HTML) 4 Page - EPCOS

  X7253D Datasheet HTML 1Page - EPCOS X7253D Datasheet HTML 2Page - EPCOS X7253D Datasheet HTML 3Page - EPCOS X7253D Datasheet HTML 4Page - EPCOS X7253D Datasheet HTML 5Page - EPCOS X7253D Datasheet HTML 6Page - EPCOS X7253D Datasheet HTML 7Page - EPCOS X7253D Datasheet HTML 8Page - EPCOS X7253D Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Dec 08, 2003
SAW Components
X 7253 D
36,00 MHz
Bandpass Filter
Data Sheet
Characteristics of channel 2 (switching pin 2 connected to pin 1)
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,00 MHz
19,0
20,5
22,0
dB
following data
Amplitude ripple
∆α
33,10
... 38,90 MHz
2,5
dB
Pass bandwidth
α
rel < 3 dB
B3dB
6,8
MHz
α
rel < 15 dB
B15dB
7,3
MHz
Relative attenuation
α
rel
Adjacent picture carrier
31,25 MHz
34,0
41,0
dB
Adjacent sound carrier
39,75 MHz
17,0
25,0
dB
32,33 MHz
9,0
13,0
dB
Lower sidelobe
25,00
... 31,25 MHz
34,0
37,0
dB
Upper sidelobe
41,25
... 45,00 MHz
30,0
36,0
dB
Reflected wave signal suppression
1,3
µs ... 6,0 µs after main pulse
40,0
50,0
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
48,0
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Group delay ripple (p-p)
∆τ
32,70
... 39,30 MHz
60
ns
Impedance at 36,00 MHz
Input:
ZIN
=
RIN
||
CIN
1,5 ||23,1
k
Ω || pF
Output:
ZOUT = ROUT || COUT
2,3 || 4,6
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com