Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7255D Datasheet(PDF) 3 Page - EPCOS

Part # X7255D
Description  SAW Components Bandpass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7255D Datasheet(HTML) 3 Page - EPCOS

  X7255D Datasheet HTML 1Page - EPCOS X7255D Datasheet HTML 2Page - EPCOS X7255D Datasheet HTML 3Page - EPCOS X7255D Datasheet HTML 4Page - EPCOS X7255D Datasheet HTML 5Page - EPCOS X7255D Datasheet HTML 6Page - EPCOS X7255D Datasheet HTML 7Page - EPCOS X7255D Datasheet HTML 8Page - EPCOS X7255D Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Dec 08, 2003
SAW Components
X 7255 D
36,00 MHz
Bandpass Filter
Data Sheet
Characteristics of channel 1 (switching pin 2 connected to ground)
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,00 MHz
18,9
20,4
21,9
dB
following data
Pass bandwidth
α
rel < 1,5 dB
B1,5dB
—
7,1
—
MHz
α
rel < 3 dB
B3dB
—
7,4
—
MHz
α
rel < 15 dB
B15dB
—
8,4
—
MHz
α
rel < 30 dB
B30dB
—
8,8
—
MHz
Relative attenuation
α
rel
Adjacent picture carrier
30,75 MHz
36,0
41,0
—
dB
Adjacent sound carrier
40,25 MHz
14,0
18,0
—
dB
40,75 MHz
36,0
50,0
—
dB
41,00 MHz
32,0
44,0
—
dB
41,25 MHz
36,0
51,0
—
dB
Lower sidelobe
25,00
... 31,30 MHz
32,0
37,0
—
dB
Upper sidelobe
40,70
... 45,00 MHz
33,0
38,0
—
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
40,0
48,0
—
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
—
56,0
—
dB
(test pulse 250 ns,
carrier frequency 36,00 MHz)
Group delay ripple (p-p)
∆τ
32,40
... 39,60 MHz
—
50
—
ns
Impedance at 36,00 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,7 ||18,1
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,0 || 4,8
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com