Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6115D433 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6115D433
Description  CMOS Voltage Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6115D433 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6115D433 Datasheet HTML 11Page - Torex Semiconductor XC6115D433 Datasheet HTML 12Page - Torex Semiconductor XC6115D433 Datasheet HTML 13Page - Torex Semiconductor XC6115D433 Datasheet HTML 14Page - Torex Semiconductor XC6115D433 Datasheet HTML 15Page - Torex Semiconductor XC6115D433 Datasheet HTML 16Page - Torex Semiconductor XC6115D433 Datasheet HTML 17Page - Torex Semiconductor XC6115D433 Datasheet HTML 18Page - Torex Semiconductor XC6115D433 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/26
XC6101 ~ XC6107, XC6111~ XC6117
Series
PIN NAME
LOGIC
CONDITIONS
H
VIN>VDF+VHYS
VIN
L
VIN<VDF
H
MRB>1.40V
MRB
L
MRB<0.35V
H
When keeping WD>VWDH more than TWD
L
When keeping WD<VWDL more than TWD
L → H
VWDL → VWDH, TWDIN>300nsec
WD
H → L
VWDH →VWDH, TWDIN>300nsec
VIN
MRB
WD
RESETB (*2)
H
H
H
L
Repeat detect and release (H→L→H)
H
Open
H
L → H
H
H or Open
H → L
H
H
L
L
*1
L
VIN
MRB
WD
RESETB (*3)
H
H
H
L
Repeat detect and release (L→H→L)
H
Open
H
L → H
H
H or Open
H → L
L
H
L
L
*1
H
VIN
WD
RESETB (*2)
RESET (*3)
H
H
H
L
Repeat detect and release (H→L→H)
Repeat detect and release (L→H→L)
H
Open
H
L → H
H
H → L
H
L
H
L
*1
L
H
VIN
MRB
RESETB (*2)
RESET (*3)
H
H or Open
H
L
H
L
L
L
H
■
PIN LOGIC CONDITIONS
NOTE:
*1: If only “VDF” is indicated, it represents both VDFL (low when
detected) and VDFH (high when detected).
*2: For the details of each parameter, please see the electrical
characteristics.
VDF: Detect Voltage
VHYS: Hysteresis Range
VWDH: WD High Level Voltage
VWDL: WD Low Level Voltage
TWDIN: WD Pulse Width
TWD: WD Timeout Period
■
FUNCTION CHART
●
XC6103/XC61113 Series
●
XC6104/XC61114, XC6105/XC6115 Series
●
XC6106/XC61116, XC6107/XC6117 Series
●
XC6101/XC61111, XC6102/6112 Series
*1: Including all logic of WD (WD=H, L, L→H, H→L, OPEN).
*2: When the RESETB is High, the circuit is in the release state.
When the RESETB is Low, the circuit is in the detection state.
*3: When the RESET is High, the circuit is in the release state.
When the RESET is Low, the circuit is in the detection state.
*4: VIN=L and MRB=H can not be combined for the rated input voltage of the MRB pin is Vss-0.3V to VIN+0.3V.
*5: The RESET/RESETB pin becomes indefinite operation while 0.35V<MRB<1.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com