Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7257M Datasheet(PDF) 3 Page - EPCOS

Part # X7257M
Description  SAW Components Bandpass Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7257M Datasheet(HTML) 3 Page - EPCOS

  X7257M Datasheet HTML 1Page - EPCOS X7257M Datasheet HTML 2Page - EPCOS X7257M Datasheet HTML 3Page - EPCOS X7257M Datasheet HTML 4Page - EPCOS X7257M Datasheet HTML 5Page - EPCOS X7257M Datasheet HTML 6Page - EPCOS X7257M Datasheet HTML 7Page - EPCOS X7257M Datasheet HTML 8Page - EPCOS X7257M Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Jan 12, 2005
SAW Components
X 7257 M
36,125 MHz
Bandpass Filter
Data Sheet
Characteristics of channel 1 (switching input pin 2 connected to ground)
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
36,125 MHz
20,1
21,6
23,1
dB
following data
Pass bandwidth
α
rel ≤3dB
B3dB
—
8,0
—
MHz
α
rel ≤30 dB
B30dB
—
9,5
—
MHz
Relative attenuation
α
rel
32,32 MHz
– 0,2
1,0
2,2
dB
33,93 MHz
– 0,1
1,1
2,3
dB
32,13 MHz
—
2,8
—
dB
40,13 MHz
—
3,2
—
dB
Lower sidelobe
25,00 ... 30,90 MHz
34,0
42,0
—
dB
Upper sidelobe
42,00 ... 45,00 MHz
33,0
39,0
—
dB
Reflected wave signal suppression
1,4
µs ... 6,0 µs after main pulse
40,0
49,0
—
dB
(test pulse 250 ns, carrier frequency 36,125 MHz)
Feedthrough signal suppression
1,3
µs ... 1,2 µs before main pulse
—
50,0
—
dB
(test pulse 250 ns, carrier frequency 36,125 MHz)
Group delay ripple (p-p)
∆τ
32,32 ... 39,93 MHz
—
60
—
ns
Impedance at 36,125 MHz
Input:
ZIN
=
RIN
||
CIN
—
1,6 ||16,0
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,4 || 4,3
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com