Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1033P Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SVR1033P
Description  SVR1033N NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1033P Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SVR1033P Datasheet HTML 1Page - Solid States Devices, Inc SVR1033P Datasheet HTML 2Page - Solid States Devices, Inc SVR1033P Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SVR1033N, P, E, & B
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
• 3A Output over -1.2 to -32V Voltage Range
• Internal Current, Power, and Thermal Limiting
• Eutectic Die Attach
• Replaces LT1033 Types
• Maximum Output Voltage Error of 1%
• Isolated Hermetically Sealed Power Package
• 150oC Operating Temperature
• Custom Lead Forming Available
• Ceramic Seal Package Available
• Class H or K (Space) Screening Available
Designer's Data Sheet
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
SVR004A
DATA SHEET #:
3 Amp
NEGATIVE ADJUSTABLE
LINEAR
VOLTAGE REGULATOR
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
35
V
ªVIN/OUT
Input to Output Voltage Differential
PD
Internally Limited, 30
SVR1033 N DB H
Part Number /Ordering Information 1/
Screening 2/: _ = Not Screened
H = High Rel Level
K = Space Level
R = Radiation Tolerant
Lead Bend: 3/ _ = Straight
DB = Down Bend
UB = Up Bend
Package: N = TO-254
P = TO-254Z
E = MilPack I
B = MilPack II
TO-259 (P):
MilPack I (E):
Power Dissipation 4/
oC
-65 TO +150
TSTG
Storage Temperature
oC
-55 TO +150
TJ
Operating Junction Temperature
TO-258 (N):
MilPack II (B):
W
3A
IMAX
Maximum Current
PIN ASSIGNMENT
PIN 2
PIN 3
Output
PIN 1
FUNCTION
Input
Adjust
Voltage Regulator


Similar Part No. - SVR1033P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SVR1038A SSDI-SVR1038A Datasheet
102Kb / 3P
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1038B SSDI-SVR1038B Datasheet
102Kb / 3P
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1038N SSDI-SVR1038N Datasheet
102Kb / 3P
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
SVR1038P SSDI-SVR1038P Datasheet
102Kb / 3P
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR
More results

Similar Description - SVR1033P

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR137 SSDI-SVR137 Datasheet
189Kb / 3P
Negative Adjustable Linear Voltage Regulator
logo
Seme LAB
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137R SEME-LAB-IP137R Datasheet
170Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR004 SSDI-SVR004_15 Datasheet
101Kb / 3P
NEGATIVE ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com