Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVR1118 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SVR1118
Description  800 mAmps /2.5 thru 5Volts FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR1118 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SVR1118 Datasheet HTML 1Page - Solid States Devices, Inc SVR1118 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SVR1118
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics 4/
SYMBOL
UNITS
MAX
Quiescent Current
Quiescent Current in Shutdoun
Enable Input Threshholds
Output Voltage
Line Regulation
(IOUT = 0A)
Load Regulation 6/
Dropout Voltage 7/
Ripple Rejection
Load Transient Settling Time
ªV = 25V; CLOAD =1:F
Output Short Circuit Current
Thermal Shutdown Junction Temperature
Enable Turn-On Delay
1.0
10
--
2
2.53
2.55
2.88
2.91
5.05
5.10
6.0
6.0
10
10
10
10
10
25
25
1.1
1.3
--
--
--
--
- 400
--
--
mA
:A
V
V
V
V
V
V
V
V
mV
mV
mV
mV
mV
mV
mV
mV
mV
V
V
dB
:sec
mA
mA
oC
:sec
VIN
VIN
VOUT
ªVOUT
ªVIN
ªVOUT
ªIOUT
ªV
ISC+
ISC-
MIN
--
--
0.4
--
2.47
2.45
2.82
2.79
4.95
4.90
--
--
--
--
--
--
--
--
--
--
--
60
--
--
800
--
--
--
SVR1118-2.5
SVR1118-2.85
SVR1118-5
SVR1118-2.5
SVR1118-2.85
SVR1118-5
SVR1118-2.5
SVR1118-2.85
SVR1118-5
TYP
0.6
1.0
1.4
1.4
2.5
2.5
2.85
2.85
5.0
5.0
--
--
--
--
--
--
--
--
--
0.85
1.0
80
5
5
1200
-700
170
50
VIN = 5V
VIN = 0V
Input Low Level
Input High Level
No Load
All Operating Conditions 5/
No Load
All Operating Conditions 5/
No Load
All Operating Conditions 5/
(4.2V
# VIN # 15V)
(4.75V
# VIN # 15V)
(6.5V
# VIN # 20V)
(0
#IOUT#800mA)
(-400mA
#IOUT#0)
(0
#IOUT#800mA)
(-400mA
#IOUT#0)
(0
#IOUT#800mA)
(-400mA
#IOUT#0)
(IOUT = 100mA)
(IOUT = 800mA)
(fRIPPLE = 120Hz,
VRIPPLE = 0.5VP-P,
ªV=2V)
(0
#IOUT#800mA)
(-400mA
#IOUT#0)
(VOUT = 0)
(VOUT = VIN)
No Load
No Load
to
*
*
*
*
25
*
25
*
25
*
*
*
*
*
*
*
*
*
*
25
25
25
25
25
25
NOTES:
* Full Temperature Range
1/ For Ordering Information, Price, and Availability Contact Fac-
tory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines and Lead Bend Options Contact Factory
4/ Unless Otherwise Specified, testing done at VCC = 5V
(for SVR1118-2.5 and SVR1118-2.85) and at VCC = 7V
(for SVR1118-5); CLOAD = 1
:F; ILOAD = 0.
5/ All Operating Conditions include the combined effects of Load
Current, Input Voltage, and Temperature over each parameter’s
full range.
6/ Load and Line Regulation are tested at a constant junction tem-
perature by low duty cycle pulse testing.
7/ Dropout Voltage is defined as a minimum Input to Output
Voltage measured while sourcing the specified current.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com