Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA15K7.9 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STA15K7.9
Description  15,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA15K7.9 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STA15K7.9 Datasheet HTML 1Page - Solid States Devices, Inc STA15K7.9 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00004D
STA15K7.9 thru
STA15K100
15,000 WATTS
PEAK PULSE POWER
7.9 - 100 VOLTS
UNIDIRECTIONAL
TRANSIENT
VOLTAGE SUPPRESSOR
• 7.90-100 Volt Unidirectional
• Smaller than 704-15K36 and 704-15K36T Types
• Hermetically Sealed
• Meets all environmental requirements of MIL-PRF-19500
• Custom configurations available
• TX and TXV Screening Available
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
•Protection of Voltage Sensitive Components
•Protection Against Power Interuption
•Lightning Protection
Steady State Power Dissipation
Stand Off Voltage
5.6-75
V
VRWM
60
W
P
D
Note:
SSDI Transient Suppressors offer standard Breakdown Voltage Tolerances of + 10%
(A) and + 5% (B). For other Voltage and Voltage Tolerances, contact SSDI's Marketing
Department
Peak Pulse Power @ 1.0 msec
P
PP
15,000
APPLICATIONS:
Peak Pulse Power and Steady State
Power Derating
Peak Pulse Power and Pulse Width
Peak Pulse Power and Pulse Width
W
See Graph
See Graph
-65
°C to +175°C
Package shown is standard configuration. SSDI can
custom design your module with terminals that meet
your unique design criteria. Additionally, SSDI can
package these devices with an irregular footprint or offset
mounting positions. This data sheet is meant to serve as
an example of SSDI's Transient Protection Module
Capabilities. For custom configurations, please contact
SSDI's Marketing Department.
AMBIENT TEMPERATURE (
°C)
PEAK PULSE POWER VS. TEMPERATURE DERATING CURVE
MMAXIMUM RATINGS
.43 MAX
.670±.030
.335±.030
2.00
MAX
1.370
1.330
2x Ø
.135
.115
.330
.300


Similar Part No. - STA15K7.9

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA15K7.5P SSDI-STA15K7.5P Datasheet
79Kb / 2P
15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STA15K7.9

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STA15K7.5P SSDI-STA15K7.5P Datasheet
79Kb / 2P
15,000 WATTS PEAK PULSE POWER 7.5 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA60K7.9P SSDI-STA60K7.9P Datasheet
69Kb / 2P
60,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS LOW VOLTAGE BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA3KA13.6JE SSDI-STA3KA13.6JE Datasheet
61Kb / 2P
3,000 WATTS PEAK PULSE POWER 13.6 - 800 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SDA384 SSDI-SDA384 Datasheet
147Kb / 2P
2600 WATTS PEAK PULSE POWER 12,7 VOLTS BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STA9K7.5P SSDI-STA9K7.5P Datasheet
285Kb / 2P
9000 WATTS PEAK PULSE POWE 7.5-100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Jinan Jing Heng Electro...
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com