Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA15K100 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # STA15K100
Description  15,000 WATTS PEAK PULSE POWER 7.9 - 100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STA15K100 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  STA15K100 Datasheet HTML 1Page - Solid States Devices, Inc STA15K100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics
Part
Number
STA15K7.9
thru
STA15K100
STA15K7.9
STA15K8.9
STA15K9.8
STA15K10.7
STA15K11.0
STA15K12.7
STA15K13.5
STA15K15.0
STA15K16.7
STA15K18.0
STA15K20.2
STA15K22.6
STA15K24.5
STA15K27.9
STA15K30.5
STA15K34
STA15K36
STA15K39
STA15K45
STA15K49
STA15K51
STA15K57
STA15K62
STA15K68
STA15K75
STA15K82
STA15K91
STA15K100
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
A
1.75
1.50
1.50
1.25
1.25
1.00
1.00
0.75
0.75
0.65
0.65
0.50
0.50
0.50
0.40
0.40
0.30
0.30
0.30
0.25
0.25
0.20
0.20
0.20
0.20
0.15
0.15
0.15
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
11.7
12.5
13.8
15.0
16.2
17.3
19.0
22.0
23.5
26.5
29.0
31.9
34.7
38.5
42.9
46.9
50.0
55.6
60.0
65.2
71.4
78.9
88.2
93.7
107.1
115.4
125.0
136.4
.03
.03
.03
.05
.05
.05
.05
.05
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.06
.07
.07
.07
.07
.08
.08
.08
.08
.09
16.500
13.200
00.440
00.220
00.165
00.110
00.044
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
00.022
1280
1200
1090
1000
930
870
790
680
640
570
520
470
430
390
350
320
300
270
250
230
210
190
170
160
140
130
120
110
Notes:
1 .
All voltages are measured with automated test set using 35 msec test time. Longer or shorter test times will have a corresponding effect on the measured
value due to heating effects.
2.
Ratings based on 25° C case temperature.
3.
Pulse width (tp) is delined as the time from rated peak pulse current IPP to the point where peak pulse current decayed to 50% of rated IPP.
Volts
% / °C
7.9
8.9
9.8
10.7
11.0
12.7
13.5
15.0
16.7
18.0
20.2
22.6
24.5
27.9
30.5
34.0
36.0
39.0
45.0
49.0
51.0
57.0
62.0
68.0
75.0
82.0
91.0
100.0
12.5
11.5
10.2
9.5
8.6
7.7
7.0
6.0
5.5
5.0
4.4
3.9
3.6
3.1
2.8
2.6
2.4
2.1
1.8
1.75
1.7
1.6
1.5
1.3
1.2
1.1
1.0
.09
For optional high reliability screening or higher zener voltages, consult SSDI MARKETING Department.
mA
Volts
A
Volts
For 5% Voltage
Tolerance specify
"B" in place of A
V
BR
@I
RBT
V
RWM
V
C
I
PP
I
RM
TC
I
R @ VRWM
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(max)
@ Current
tp=1ms
(note 4)
Maximum
Continuous
Current
(note 3)
Maximum
Temperature
Coefficient
Break Down (note 1)
Max Reverse Stand Off
Peak Pulse Clamping
A
PEAK PULSE POWER VS. PULSE WIDTH
PULSE WIDTH
CURRENT PULSE WAVEFORM
STEADY STATE POWER DERATING
CASE TEMPERATURE (
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com