Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST150A10 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # ST150A10
Description  150 WATT 7.5 - 510 VOLTS TRANSIENT SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST150A10 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  ST150A10 Datasheet HTML 1Page - Solid States Devices, Inc ST150A10 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
High Surge Rating
Hermetically Sealed in Glass
Available to TX, TXV, and Space Levels
STEADY STATE POWER VS. TEMPERATURE DERATING CURVE
PEAK PULSE POWER VS. TEMPERATURE DERATING CURVE
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
CHARACTERISTICS
Symbol
Value
Units
Steady Off Voltage
VRWM
3-370
V
Steady State Power Dissipation
PD
3
W
Peak Pulse Power @ 1.0 msec
PPP
150
W
Peak Pulse Power
And Steady State Power Derating
See Graph
Peak Pulse Power
And Pulse Width
See Graph
Operating and Storage
Temperature
-65ºC to + 175ºC
150 WATT
7.5 – 510 VOLTS
TRANSIENT SUPPRESSOR
C
B
C
ØA
ØD
DIM
MIN.
MAX
A
---
.085”
B
---
.170”
C
1.0”
---
D
.028”
.034”
AXIAL(L)
B
C
ØA
DIM
MIN
MAX
A
.077”
.083”
B
.130”
.146”
C
.010”
.022”
ROUND TAB (SM)
All dimensions are prior to soldering
C
B
A
A
D
DIM
MIN.
MAX.
A
.090”
.100”
B
.175”
.215”
C
.022”
.028”
D
Body to Tab Clearance: .002”
SQUARE TAB (SMS)
All dimensions are prior to soldering
Note:
SSDI’s Transient Suppressors offer standard Breakdown
Voltage Tolerance of ±10%(A) and ±5%(B). For other
Voltages and Voltage Tolerances, contact SSDI’s Marketing
Department.
DATA SHEET #: T00001B
DOC


Similar Part No. - ST150A10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST150-100T3KI VISHAY-ST150-100T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST150-100T3MI VISHAY-ST150-100T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST150-125T4KI VISHAY-ST150-125T4KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST150-125T4MI VISHAY-ST150-125T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST150-60T2KI VISHAY-ST150-60T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST150A10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5 Datasheet
161Kb / 2P
500 W Transient Voltage Suppressor 7.5 - 510 VOLTS
ST1.5KA7.5 SSDI-ST1.5KA7.5 Datasheet
463Kb / 2P
1500 WATT 7.5-270 VOLTS TRANSIENT SUPPRESSORS
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Solid States Devices, I...
SZ3GA7.5 SSDI-SZ3GA7.5_1 Datasheet
157Kb / 2P
7.5 ??510 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com