Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST150A11 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # ST150A11
Description  150 WATT 7.5 - 510 VOLTS TRANSIENT SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST150A11 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  ST150A11 Datasheet HTML 1Page - Solid States Devices, Inc ST150A11 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
†
Suffix “L” for axial lead, “SM” for surface mount Round Tab. “SMS” for Square Tab.
1)
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2)
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3)
Ratings based on maximum zener voltage of individual units (leaded units). Multiply by 1.3 for SM and SMS devices.
4)
Figures shown are for a peak sinusoldal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pluse rating is 71% of the value shown.
5)
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
For optional high reliability screening or higher nominal zener voltages, consult SSDI MARKETING Department.
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST150A7.5 thru ST150A510
ELECTRICAL CHARACTERISTICS
PART
Break Down
(note 1)
MAX REVERSE
STANDOFF
PEAK PULSE
CLAMPING
MAXIMUM
DYNAMIC
MAXIMUM
NUMBER
Nominal
Voltage
Test
Current
Voltage
Reverse
Leakage
Current
Voltage
(max.)
@ Current
tp=1ms
(NOTE 4)
CONTINUOUS
(NOTE 3)
IMPEDANCE
(NOTE 2)
TEMPERATURE
COEFFICIENT
VBR
@
IBRT
VRWM
IR @ VRWM
Vc
IPP
IRM
ZBR @ IBRT
TC @ 25°C
For 5% Voltage Tolerance
Specify “B” in place “A”
Volts
mA
Volts
µA
Volts
A
mA
Ohms
%/°C
ST150A7.5
ST150A8.2
ST150A9.1
ST150A10
ST150A11
7.5
8.2
9.1
10
11
100
100
50
50
50
3
4
5
7.1
7.8
50
10
10
7
3
13.3
14.8
15.7
17.0
18.9
11.3
10.1
9.6
8.8
7.9
400
360
330
300
250
2
2
4
4
7
.07
.08
.08
.09
.10
ST150A12
ST150A13
ST150A15
ST150A16
ST150A18
12
13
15
16
18
50
50
50
25
25
8.6
9.5
10.5
11.4
12.4
2
2
1
1
1
20.9
22.9
25.6
28.4
31.0
7.2
6.6
5.9
5.3
4.8
230
200
185
170
150
7
10
10
15
15
.10
.10
.10
.11
.11
ST150A20
ST150A22
ST150A24
ST150A27
ST150A30
20
22
24
27
30
25
25
25
25
25
14.3
15.5
17.1
19.0
20
1
1
1
1
1
33.8
38.1
42.2
46.2
50.1
4.4
3.9
3.6
3.2
3.0
135
125
110
100
90
15
15
15
15
15
.11
.11
.11
.11
.11
ST150A33
ST150A36
ST150A39
ST150A43
ST150A47
33
36
39
43
47
10
10
10
10
10
23
26
29
31
34
1
1
1
1
1
54.1
60.7
65.5
70.8
78.6
2.8
2.5
2.3
2.1
1.9
85
65
60
55
50
15
40
40
45
45
.11
.11
.11
.13
.13
ST150A51
ST150A56
ST150A62
ST150A68
ST150A75
51
56
62
68
75
10
10
10
10
10
37
41
45
49
53
1
1
1
1
1
86.5
94.4
103
114
126
1.7
1.6
1.5
1.3
1.2
45
40
35
30
30
60
60
80
80
100
.13
.13
.13
.13
.13
ST150A82
ST150A91
ST150A100
ST150A110
ST150A120
82
91
100
110
120
10
5
5
5
5
59
65
71
77
86
1
1
1
1
1
139
152
167
185
204
1.1
1.0
0.90
0.81
0.73
25
25
20
20
20
100
200
200
250
250
.13
.13
.13
.13
.13
ST150A130
ST150A150
ST150A160
ST150A180
ST150A200
130
150
160
180
200
5
5
5
5
2
95
105
114
124
143
1
1
1
1
1
224
249
276
305
336
0.67
0.60
0.54
0.50
0.45
20
18
18
15
15
300
300
350
400
500
.13
.13
.13
.13
.13
ST150A220
ST150A240
ST150A270
ST150A300
ST150A330
220
240
270
300
330
2
2
2
2
2
152
171
190
210
230
1
1
1
1
1
380
419
459
498
537
0.40
0.36
0.33
0.30
0.26
15
12
12
11
10
750
850
1000
1500
1900
.13
.13
.13
.14
.14
ST150A360
ST150A390
ST150A430
ST150A470
ST150A510
360
390
430
470
510
2
2
2
2
2
260
290
310
340
370
1
1
1
1
1
603
655
707
789
882
0.25
0.23
0.21
0.19
0.17
9
8
7
7
6
2200
2800
3500
4500
5500
.14
.14
.15
.15
.16
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00001B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com