Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM4040 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button LM4040_07 Datasheet HTML 17Page - Vishay Siliconix LM4040_07 Datasheet HTML 18Page - Vishay Siliconix LM4040_07 Datasheet HTML 19Page - Vishay Siliconix LM4040_07 Datasheet HTML 20Page - Vishay Siliconix LM4040_07 Datasheet HTML 21Page - Vishay Siliconix LM4040_07 Datasheet HTML 22Page - Vishay Siliconix LM4040_07 Datasheet HTML 23Page - Vishay Siliconix LM4040_07 Datasheet HTML 24Page - Vishay Siliconix LM4040_07 Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
www.ti.com
LM4040x50Q Electrical Characteristics
DVZ
DIZ
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456J – JANUARY 2005 – REVISED SEPTEMBER 2006
at extended temperature range, full-range T
A = –40°C to 125°C (unless otherwise noted)
LM4040C50Q
LM4040D50Q
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown voltage
IZ = 100 µA
25
°C
5
5
V
25
°C
–25
25
–50
50
Reverse breakdown voltage
∆V
Z
IZ = 100 µA
mV
tolerance
Full range
–75
75
–125
125
25
°C
65
89
65
89
IZ,min
Minimum cathode current
µA
Full range
95
95
IZ = 10 mA
25
°C
±30
±30
25
°C
±20
±20
Average temperature coefficient
α
VZ
IZ = 1 mA
ppm/
°C
of reverse breakdown voltage
Full range
±100
±150
IZ = 100 µA
25
°C
±20
±20
25
°C
0.5
1
0.5
1
IZ,min < IZ < 1 mA
Reverse breakdown voltage
Full range
1.4
1.8
change with cathode current
mV
25
°C
3.5
8
3.5
8
change
1 mA < IZ < 15 mA
Full range
12
12
IZ = 1 mA, f = 120 Hz,
ZZ
Reverse dynamic impedance
25
°C
0.5
1.1
0.5
1.1
Ω
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25
°C
80
80
µV
RMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of reverse
TA = 25°C ± 0.1°C,
120
120
ppm
breakdown voltage
IZ = 100 µA
VHYST Thermal hysteresis(1)
∆T
A = –40°C to 125°C
0.08
0.08
%
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com