Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG55N60 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSG55N60
Description  55 AMP /600 Volts 1.65 V saturation ultrafast IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSG55N60 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSG55N60 Datasheet HTML 1Page - Solid States Devices, Inc SSG55N60 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TG0005A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSG50N60 series
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Collector to Emitter Breakdown Voltage
VGE = 0V, IC = 250µA
BVCES
600
––
––
V
Emitter to Collector Breakdown Voltage
VGE = 0V, IC = 1 A
BVECS
18
––
––
V
Collector to Emitter Saturation Voltage
VGE = 15V, IC = 27A, Tj= 25
oC
VGE = 15V, IC = 55A, Tj= 25
oC
VGE = 15V, IC = 27A, Tj= 150
oC
VCE(on)
––
––
––
1.65
2.0
1.6
2.0
––
––
V
Gate Threshold Voltage
VCE = VGE, IC = 0.25 mA
VGS(th)
3.0
––
6.0
V
Gate to Emitter Leakage
VGE = ±20V
IGES
––
––
±100
nA
Zero Gate Voltage Collector Current
VCE = 600V, VGE = 0V, Tj = 25
oC
VCE = 10V, VGE = 0V, Tj = 25
oC
VCE = 600V, VGE = 0V, Tj = 150
oC
ICES
––
––
––
0.5
––
––
250
2
5000
µA
µA
µA
Forward Transconductance
VCE = 15V, IC = 27A, Tj = 25
oC
gfs
15
25
––
Mho
Total Turn-on Gate Charge
Gate to Emitter Turn-on Charge
Gate to Collector Turn-on Charge
VGE = 15V
VCC = 400V
IC = 27A
Qg
Qge
Qgc
––
––
––
180
25
60
275
40
90
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGE = 15V, VCC = 480V,
IC = 27A, RG = 5.0O, Tj = 25
oC
td(on)
tr
td(off)
tf
––
––
––
––
35
20
175
90
––
––
260
130
nsec
Turn-On Switching Losses
Turn-Off Switching Losses
Total Switching Losses
VGE = 15V, VCC = 480V,
IC = 27A, RG = 5.0O, Tj = 25
oC
Eon
Eoff
Ets
––
0.12
0.55
0.66
––
––
0.9
mJ
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
Total Switching Losses
VGE = 15V, VCC = 480V,
IC = 27A, RG = 5.0O, Tj = 150
oC
td(on)
tr
td(off)
tf
Ets
––
––
––
––
––
33
25
230
120
1.6
––
––
260
130
––
ns
ns
ns
ns
mJ
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGE = 0V
VCC = 30V
f = 1 MHz
Cies
Coes
Cres
––
––
––
4000
250
55
––
––
––
pF
NOTES: *
Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25
oC.
Available Part Numbers:
SSG55N60M
SSG55N60Z
SSG55N60N
SSG55N60P
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3
TO-258 (N)
Pin 1
Pin 2
Pin 3
TO-259 (P)
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com