Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG42N60S2 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSG42N60S2
Description  50 AMP 600 VOLTS FAST POWER IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSG42N60S2 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSG42N60S2 Datasheet HTML 1Page - Solid States Devices, Inc SSG42N60S2 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
V
600
-
V(BR)CES
Collector - Emitter Breakdown Voltage
(VGE = 0V, IC = 2mA)
V
35
Gate - Emitter Threshold Voltage
(VGE = VCE, IC = 1mA)
µµµµµA
mA
-
-
150
12
ICES
Zero Gate Voltage Collector Current
(VCE = 600V, VGE = 0V)
-
120
IGES
Gate - Emitter Leackage Current
(VGE = 30V, VCE = 0V)
pF
--
Ciss
MIN
MAX
ELECTRICAL CHARACTERISTICS 5/
SYMBOL
UNITS
-pF
Output Capacitance
(VCE = 25V, VGE = 0V, f = 1MHz)
-
Coss
(VCC = 400V, IC = 50ADC,
VGE = 15 / 0V, RG = --Ω,
tP = 10µsec, Duty Cycle ≤ 1%
Tj = 150
oC)
Turn-On Delay Time
td(on)
-
nsec
VGE (th)
-
NOTES:
* Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations Available for N and P (TO-258
and TO-259) Packages Only.
5/ All Electrical Characteristics @25oC, Unless Otherwise Specified.
SSG42N60
SERIES
Reverse Transfer Capacitance
(VCE = 25V, VGE = 0V, f = 1MHz)
-
Crss
Turn-Off Delay Time
Rise Time
tr
-
nsec
td(off)
-
nsec
-
-
V
-
2.5
Collector - Emitter Saturation Voltage
(VGE = 15V, IC = 50A)
VCE (SAT)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
PIN ASSIGNMENT
Emitter
Gate
Pin 3
Pin 3
Collector
PACKAGE
Pin 2
Pin 2
Pin1
Pin 1
TO-258
TO-259
Available Part Numbers:
SSG42N60N SSG42N60NDB
SSG42N60NUB
SSG42N60P SSG42N60PDB
SSG42N60PUB
SSG42N60S2
Pin 3
Pin 2
Pin 1
SMD2
nA
Input Capacitance
(VCE = 25V, VGE = 0V, f = 1MHz)
-pF
Fall Time
tf
-
nsec
-
-
4
-
-
-
2750
TYP
250
25
50
30
500
2
360
TJ = 25
oC
TJ = 100
oC
Reverse Diode Forward Voltage Drop
(VGE = 0V)
-
VF
1.35
1.55
V
-
IF = 20A
IF = 40A
Reverse Diode Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A)
-
tRR
35
nsec
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com