Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX7905 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STX7905
Description  1 AMP 600 VOLTS NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STX7905 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STX7905 Datasheet HTML 1Page - Solid States Devices, Inc STX7905 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
STX7905
FEATURES:
DATA SHEET #: TR0006A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6
Volts
Emitter-Base Voltage
VCBO
600
Volts
Collector-Base Voltage
IC
1
Collector Current
Collector-Emitter Voltage
RBE = 1 kOhms
VCEO
VCER
450
600
Amps
Volts
Watts
mW/ oC
•BVCBO 600V.
• Fast Switching.
• Low Leakage.
• Low Saturation Voltage.
• 200oC Operating, Gold Eutectic Die Attach.
• Designed for Complementary Use with STX6905.
TO-59
CASE OUTLINE: TO-59
Pin Out:
1 - Collector
2 - Base
3 - Emmiter
1 AMP
600 VOLTS
NPN TRANSISTOR
Total Device Dessipation @ TC = 25
oC
Derate above 25oC
PD
20
133
IB
0.5
Base Current
Amps
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
oC/W
Thermal Resistance, Junction to Case
R1JC
7.5


Similar Part No. - STX7905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STX790A STMICROELECTRONICS-STX790A Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STX790A STMICROELECTRONICS-STX790A Datasheet
181Kb / 10P
Medium current,high performance,low voltage PNP transistor
28-Apr-2009
logo
Foshan Blue Rocket Elec...
STX790A FOSHAN-STX790A Datasheet
746Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - STX7905

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT8600-4 SSDI-SFT8600-4 Datasheet
56Kb / 2P
1 AMP 1000 VOLTS NPN TRANSISTOR
STX6905 SSDI-STX6905 Datasheet
56Kb / 2P
1 AMP 600 VOLTS PNP TRANSISTOR
2N5095 SSDI-2N5095 Datasheet
218Kb / 2P
1 AMP HIGH VOLTAGE NPN TRANSISTOR 500-600 VOLTS
SFT8600 SSDI-SFT8600 Datasheet
159Kb / 2P
1 AMP 1000 VOLTS NPN TRANSISTOR
logo
Micro Commercial Compon...
SM4933 MCC-SM4933 Datasheet
266Kb / 4P
1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Solid States Devices, I...
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
XN0033J SSDI-XN0033J Datasheet
128Kb / 3P
1 AMP 1000 Volts NPN Transistor
logo
DONGGUAN YOU FENG WEI E...
1N4933 YFWDIODE-1N4933 Datasheet
198Kb / 3P
1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933 MCC-SM4933_13 Datasheet
343Kb / 4P
1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com