Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STX6905 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # STX6905
Description  1 AMP 600 VOLTS PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

STX6905 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  STX6905 Datasheet HTML 1Page - Solid States Devices, Inc STX6905 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
STX6905
FEATURES:
DATA SHEET #: TR0007A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEBO
6
Volts
Emitter-Base Voltage
VCBO
600
Volts
Collector-Base Voltage
IC
1
Collector Current
Collector-Emitter Voltage
RBE = 1 kOhms
VCEO
VCER
450
600
Amps
Volts
Watts
mW/ oC
•BVCBO 600V.
• Fast Switching.
• Low Leakage.
• Low Saturation Voltage.
• 200oC Operating, Gold Eutectic Die Attach.
• Designed for Complementary Use with STX7905.
TO-59
CASE OUTLINE: TO-59
Pin Out:
1 - Collector
2 - Base
3 - Emmiter
1 AMP
600 VOLTS
PNP TRANSISTOR
Total Device Dessipation @ TC = 25
oC
Derate above 25oC
PD
20
133
IB
0.5
Base Current
Amps
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
oC
Operating and Storage Temperature
TJ, TSTG
-65 to +200
oC/W
Thermal Resistance, Junction to Case
R1JC
7.5


Similar Part No. - STX6905

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STX6905 SSDI-STX6905 Datasheet
109Kb / 1P
HIGH VOLTAGE PNP TRANSISTOR MULTIPLE DIFFUSED EPITAXIAL
More results

Similar Description - STX6905

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STX7905 SSDI-STX7905 Datasheet
56Kb / 2P
1 AMP 600 VOLTS NPN TRANSISTOR
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
2 AMP 500 VOLTS PNP TRANSISTOR
SFT5094-4 SSDI-SFT5094-4 Datasheet
207Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
2N5095 SSDI-2N5095 Datasheet
218Kb / 2P
1 AMP HIGH VOLTAGE NPN TRANSISTOR 500-600 VOLTS
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0127A SSDI-TR0127A Datasheet
126Kb / 2P
1 AMP, 500 Volts High Voltage PNP Transistor
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com