Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT10000-3 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT10000-3
Description  20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT10000-3 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT10000-3 Datasheet HTML 1Page - Solid States Devices, Inc SFT10000-3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT10000/3
PRELIMINARY
VDC
350
-
VCEO(sus)
Collector-Emitter Sustaining Voltage
(IC = 250mA, IB = 0, VCLAMP = Rated VCEO)
VDC
400
275
-
-
Collector-Emitter Sustaining Voltage
(VCLAMP = Rated VCEX, TC = 100
oC)
mADC
-
-
0.25
5.0
ICBO
Collector Cutoff Current
(VCE = Rated Value, VBE(off) = 1.5VDC)
mADC
-5
ICEV
MIN
MAX
ELECTRICAL CHARACTERISTICS
SYMBOL
UNITS
mADC
Emitter Cutoff Current
(VEB = 8VDC, IC = 0)
-
IEBO
150
DC Current Gain*
(VCE = 5VDC)
50
40
1.9
3.0
2.0
Collector-Emitter Saturation Voltage*
VCE(SAT)
VDC
HFE
Base-Emitter Saturation Voltage*
(IC = 10ADC, IB = 400mADC)
2.5
2.5
VDC
VBE (SAT)
Small Signal Current Gain
(IC = 1ADC , VCE = 10VDC, f = 1MHz)
10
-
HFE
325
pf
Output Capacitance
(VCB= 30VDC , IE = 0ADC, f = 2.0MHz)
100
Cob
VCC = 250VDC , IC = 10ADC,
IB1 = 400mADC, VBE(off) = 5VDC
tP = 50
:sec, Duty Cycle # 2%
Storage Time
*Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
td
0.2
:s
tf
2.4
:s
VCEX(sus)
Delay Time
IC = 5ADC
IC = 10ADC
-
-
-
-
-
600
400
-
-
IC = 2 A
IC = 10 A
Collector Cutoff Current
(VCEV = Rated VCEV, RBE = 50
S, TC = 100oC)
TC = 25
oC
TC = 100
oC
IC = 10ADC, IB = 400mADC, TC = 25
oC
IC = 20ADC, IB = 1ADC, TC = 25
oC
IC = 10ADC, IB = 400mADC, TC = 100
oC
TC = 25
oC
TC = 100
oC
Diode Forward Voltage
(IF = 10ADC)
5.0
VDC
VF
-
Rise Time
Fall Time
tr
0.6
:s
-
ts
3.5
:s
-
IC = 10A(pk), VCLAMP = Rated VCEX,
IB1 = 400mA, VBE(off) = 5VDC, TC = 100
oC
Storage Time
tc
3.7
:s
-
Crossover Time
tsv
5.5
:s
-
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com