Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT10000/3 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT10000/3
Description  20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT10000/3 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT10000/3 Datasheet HTML 1Page - Solid States Devices, Inc SFT10000/3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFT10000/3
APPLICATION NOTES:
DATA SHEET #: TR0011A
MAXIMUM RATINGS
SYMBOL
UNITS
VALUE
VEB
8
Volts
Emitter-Base Voltage
VCEV
450
Volts
Collector-Emitter Voltage
IC
ICM
20
30
Collector Current
Collector-Emitter Voltage
VCEO
350
Amps
Volts
oC
W
W
W/oC
oC/W
SFT10000 Darlington Transistor is direct replacement of Motorolla
MJ 10000. It is designed for high voltage, high speed, power switch-
ing in inductive circuits where fall time is critical. It is particularly
suited for line operated switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drives
• Motor Controls
• Deflection Cirsuits.
20 AMP
350 VOLTS
NPN DARLINGTON
TRANSISTOR
Operating and Storage Temperature
TJ, TSTG
-65 to +200
175
100
1
Thermal Resistance, Junction to Case
R2JC
1
Total Device Dissipation
Derate above 25oC
PD
IB
2.5
Base Current
Amps
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CASE OUTLINE: TO-3
Pin Out:
1 - Collector
2 - Base
3 - Emmiter
TO-3
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
Continuous
Peak
@ TC = 25
oC
@ TC = 100
oC


Similar Part No. - SFT10000/3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
More results

Similar Description - SFT10000/3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
Solid States Devices, I...
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6233 SSDI-SPT6233 Datasheet
162Kb / 2P
5 AMP 250 - 350 Volts NPN Transistor
SFT1016 SSDI-SFT1016 Datasheet
198Kb / 2P
100 amp HIGH ENERGY NPN TRANSISTORS 350 VOLTS
TR0121A SSDI-TR0121A Datasheet
190Kb / 4P
4 AMP NPN Darlington Power Transistor 80 Volts
TR0126B SSDI-TR0126B Datasheet
144Kb / 2P
50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
logo
New Jersey Semi-Conduct...
GSRU20030 NJSEMI-GSRU20030 Datasheet
107Kb / 2P
NPN 300, 350, 400V 20 AMP SWITCHING
logo
Central Semiconductor C...
CP147-2N6284 CENTRAL-CP147-2N6284 Datasheet
735Kb / 6P
NPN - Darlington Transistor Die 20 Amp, 100 Volt
R0 4-February 2016
CP247-2N6284 CENTRAL-CP247-2N6284 Datasheet
544Kb / 5P
NPN - Darlington Transistor Die 20 Amp, 120 Volt
R0 11-November 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com