Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC10P Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC10P
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC10P Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC10P Datasheet HTML 1Page - Won-Top Electronics KBPC10P Datasheet HTML 2Page - Won-Top Electronics KBPC10P Datasheet HTML 3Page - Won-Top Electronics KBPC10P Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC10P SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPC1000P
Square Bridge
50 Units/Box
KBPC1000PW
Square Bridge
50 Units/Box
KBPC1001P
Square Bridge
50 Units/Box
KBPC1001PW
Square Bridge
50 Units/Box
KBPC1002P
Square Bridge
50 Units/Box
KBPC1002PW
Square Bridge
50 Units/Box
KBPC1004P
Square Bridge
50 Units/Box
KBPC1004PW
Square Bridge
50 Units/Box
KBPC1006P
Square Bridge
50 Units/Box
KBPC1006PW
Square Bridge
50 Units/Box
KBPC1008P
Square Bridge
50 Units/Box
KBPC1008PW
Square Bridge
50 Units/Box
KBPC1010P
Square Bridge
50 Units/Box
KBPC1010PW
Square Bridge
50 Units/Box
KBPC1012P
Square Bridge
50 Units/Box
KBPC1012PW
Square Bridge
50 Units/Box
KBPC1014P
Square Bridge
50 Units/Box
KBPC1014PW
Square Bridge
50 Units/Box
KBPC1016P
Square Bridge
50 Units/Box
KBPC1016PW
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBPC1000P-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com