Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1500 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # KBPC1500
Description  15A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1500 Datasheet(HTML) 4 Page - Won-Top Electronics

  KBPC1500 Datasheet HTML 1Page - Won-Top Electronics KBPC1500 Datasheet HTML 2Page - Won-Top Electronics KBPC1500 Datasheet HTML 3Page - Won-Top Electronics KBPC1500 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KBPC15 SERIES
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
KBPC1500
Square Bridge
50 Units/Box
KBPC1500W
Square Bridge
50 Units/Box
KBPC1501
Square Bridge
50 Units/Box
KBPC1501W
Square Bridge
50 Units/Box
KBPC1502
Square Bridge
50 Units/Box
KBPC1502W
Square Bridge
50 Units/Box
KBPC1504
Square Bridge
50 Units/Box
KBPC1504W
Square Bridge
50 Units/Box
KBPC1506
Square Bridge
50 Units/Box
KBPC1506W
Square Bridge
50 Units/Box
KBPC1508
Square Bridge
50 Units/Box
KBPC1508W
Square Bridge
50 Units/Box
KBPC1510
Square Bridge
50 Units/Box
KBPC1510W
Square Bridge
50 Units/Box
KBPC1512
Square Bridge
50 Units/Box
KBPC1512W
Square Bridge
50 Units/Box
KBPC1514
Square Bridge
50 Units/Box
KBPC1514W
Square Bridge
50 Units/Box
KBPC1516
Square Bridge
50 Units/Box
KBPC1516W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, KBPC1500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com