Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC35S
Description  35A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC35S Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC35S Datasheet HTML 1Page - Won-Top Electronics KBPC35S Datasheet HTML 2Page - Won-Top Electronics KBPC35S Datasheet HTML 3Page - Won-Top Electronics KBPC35S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC35S SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC35S SERIES
35A SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
Low Forward Voltage Drop
High Current Capability
A
High Reliability
High Surge Current Capability
J
Designed for Saving Mounting Space
Recognized File # E157705
-
~
~
+
Mechanical Data
C
Case: KBPC-S, Molded Plastic with Heatsink
D
Internally Mounted in the Bridge Encapsulation
Terminals: Plated Leads Solderable per
E E
MIL-STD-202, Method 208
Polarity: As Marked on Body
METAL HEATSINK
Mounting: Through Hole with #10 Screw
B
G
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
Weight: 21 grams (approx.)
Marking: Type Number
H
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC35
Characteristic
Symbol
00S
01S
02S
04S
06S
08S
10S
12S
14S
16S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 60°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
400
A
Forward Voltage per leg
@IF = 17.5A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
664
A
2s
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance per leg (Note 2)
RθJC
2.1
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
WTE
POWER SEMICONDUCTORS
KBPC-S
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
—
21.00
D
—
25.00
E
5.10
—
G
1.20 Ø Typical
H
3.05
3.60
J
5.08 Ø Nominal
All Dimensions in mm


Similar Part No. - KBPC35S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC35S WTE-KBPC35S Datasheet
53Kb / 4P
35A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
KBPC35S WTE-KBPC35S_V01 Datasheet
53Kb / 4P
35A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC35S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35P WTE-KBPC35P Datasheet
55Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB3505G TAITRON-MB3505G Datasheet
145Kb / 4P
35A Single-Phase Glass Passived Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ35 NELLSEMI-KBJ35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
KBPC35 NELLSEMI-KBPC35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
GBPC35M NELLSEMI-GBPC35M Datasheet
391Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 35A
MP35S NELLSEMI-MP35S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
GBPC3500 DGNJDZ-GBPC3500 Datasheet
7Mb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBPC3500 DGNJDZ-KBPC3500 Datasheet
45Kb / 2P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBPC3500 ZSELEC-KBPC3500 Datasheet
389Kb / 2P
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com