Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC40S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC40S
Description  40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC40S Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC40S Datasheet HTML 1Page - Won-Top Electronics KBPC40S Datasheet HTML 2Page - Won-Top Electronics KBPC40S Datasheet HTML 3Page - Won-Top Electronics KBPC40S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC40S SERIES
1 of 4
© 2006 Won-Top Electronics
Pb
KBPC40S SERIES
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
Features
Diffused Junction
Low Forward Voltage Drop
High Current Capability
A
High Reliability
High Surge Current Capability
J
Designed for Saving Mounting Space
Recognized File # E157705
-
~
~
+
Mechanical Data
C
Case: KBPC-S, Molded Plastic with Heatsink
D
Internally Mounted in the Bridge Encapsulation
Terminals: Plated Leads Solderable per
E E
MIL-STD-202, Method 208
Polarity: As Marked on Body
METAL HEATSINK
Mounting: Through Hole with #10 Screw
B
G
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
Weight: 21 grams (approx.)
Marking: Type Number
H
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC40
Characteristic
Symbol
00S
01S
02S
04S
06S
08S
10S
12S
14S
16S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000 1200 1400 1600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
840
980
1120
V
Average Rectified Output Current @TA = 60°C
IO
40
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
400
A
Forward Voltage per leg
@IF = 20A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
664
A
2s
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance per leg (Note 2)
RθJC
2.1
°C/W
RMS Isolation Voltage from Case to Leads
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case, mounted on heatsink.
WTE
POWER SEMICONDUCTORS
KBPC-S
Dim
Min
Max
A
28.40
28.70
B
10.97
11.23
C
—
21.00
D
—
25.00
E
5.10
—
G
1.20 Ø Typical
H
3.05
3.60
J
5.08 Ø Nominal
All Dimensions in mm


Similar Part No. - KBPC40S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC40S WTE-KBPC40S Datasheet
53Kb / 4P
40A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
KBPC40S WTE-KBPC40S_V01 Datasheet
53Kb / 4P
40A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - KBPC40S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBPC40 WTE-GBPC40_06 Datasheet
62Kb / 4P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
GBPC40S WTE-GBPC40S_06 Datasheet
73Kb / 4P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40 WTE-KBPC40_06 Datasheet
54Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC40P WTE-KBPC40P Datasheet
55Kb / 4P
40A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50P WTE-KBPC50P Datasheet
55Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC50S WTE-KBPC50S Datasheet
66Kb / 4P
50A HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
40A Single-Phase in-line Bridge Rectifier
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
40A Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
GBPC4000 ZSELEC-GBPC4000 Datasheet
90Kb / 2P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
KBPC4000 ZSELEC-KBPC4000 Datasheet
388Kb / 2P
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com